Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ7670 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAXQ7670
Description  Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ7670 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAXQ7670 Datasheet HTML 1Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 2Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 3Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 4Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 5Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 6Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 7Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 8Page - Maxim Integrated Products MAXQ7670 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Microcontroller with 10-Bit ADC,
PGA, 64KB Flash, and CAN Interface
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MEMORY SECTION
Flash Memory Size
Program or data storage
64
KB
Flash Page Size
16-bit word size
256
Words
Flash Erase/Write Endurance
Program or data (Note 7)
10,000
Cycles
All flash, TA = +25°C
100
Flash Data Retention (Note 7)
All flash, TA = +85°C
15
Years
Flash page erase
20
50
Flash Erase Time
Entire flash mass erase
200
500
ms
Flash single word programming
20
40
µs
Flash Programming Time
Entire flash programming
0.66
1.31
s
RAM Memory Size
2KB
Utility ROM Size
16-bit word size
4
KWords
ANALOG SENSE PATH (Includes PGA and ADC)
Resolution
NADC
No missing codes
10
Bits
PGA gain = 16V/V, bipolar mode,
VIN = ±100mV, 150.9ksps
±0.5
±1
Integral Nonlinearity
INLADC
PGA gain = 1V/V, unipolar mode,
VIN = +1.0V, 250ksps
±0.4
±1
LSB10
Differential Nonlinearity
DNLADC
PGA gain = 1V/V or 16V/V
±0.4
±1
LSB10
Input-Referred Offset Error
Test at TA = +25°C,
PGA gain = 1V/V or 16V/V
±1
±10
mV
Offset-Error Temperature
Coefficient
PGA gain = 16V/V, bipolar mode
±2
µV/°C
Gain Error
PGA gain = 16V/V, bipolar mode,
excludes offset and reference error,
test at TA = +25°C
-2
+2
%
Gain-Error Temperature
Coefficient
PGA gain = 16V/V, bipolar mode
±5
ppm/°C
Conversion Clock Frequency
fADCCLK
fSYSCLK = 8MHz or 16MHz
0.5
4.0
MHz
PGA gain = 16V/V, fADCCLK = 4MHz
150.9
Sample Rate
fSAMPLE
PGA gain = 1V/V, fADCCLK = 4MHz
250
ksps
PGA gain = 16V/V,
13.5 ADCCLK cycles at 4MHz
3.375
Channel Select, Track-and-
Hold Acquisition Time
tACQ
PGA gain = 1V/V,
three ADCCLK cycles at 4MHz
0.75
µs
Conversion Time
tCONV
13 ADCCLK cycles at 4MHz
3.25
µs
ELECTRICAL CHARACTERISTICS (continued)
(VDVDDIO = +5.0V, VAVDD = +3.3V, VDVDD = +2.5V, VREFADC = +3.3V, system clock = 16MHz. TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAXQ7670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670A MAXIM-MAXQ7670A Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670AATL++ MAXIM-MAXQ7670AATL+ Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670AATL/V++ MAXIM-MAXQ7670AATL/V+ Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
MAXQ7670ATL++ MAXIM-MAXQ7670ATL+ Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
More results

Similar Description - MAXQ7670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ7670 MAXIM-MAXQ7670 Datasheet
393Kb / 37P
   Microcontroller with 10-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 11/08
MAXQ7670A MAXIM-MAXQ7670A Datasheet
868Kb / 38P
   Microcontroller with 12-Bit ADC, PGA, 64KB Flash, and CAN Interface
Rev 0; 6/10
logo
NXP Semiconductors
LPC2290 PHILIPS-LPC2290_15 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
LPC2290 NXP-LPC2290 Datasheet
210Kb / 41P
   16/32-bit ARM microcontroller with CAN, 10-bit ADC and external memory interface
Rev. 03-16 November 2006
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
ATMEL Corporation
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_08 Datasheet
1Mb / 140P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
   Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
   8-bit Flash Microcontroller with 64KB Program Memory
logo
NXP Semiconductors
LPC2194 NXP-LPC2194 Datasheet
188Kb / 40P
   Single-chip 16/32-bit microcontroller; 256 kB ISP/IAP flash with 10-bit ADC and CAN
Rev. 05-10 December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com