Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

500-017NF21MHN4-01 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 500-017NF21MHN4-01
Description  Micro-D Accessories Metal Protective Covers 500-017 & 500-037
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

500-017NF21MHN4-01 Datasheet(HTML) 1 Page - Glenair, Inc.

  500-017NF21MHN4-01 Datasheet HTML 1Page - Glenair, Inc. 500-017NF21MHN4-01 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
M-5
E-Mail: sales@glenair.com
A
B
C
D
E
F
G
H
J
K
L
M
N
P
sELECt A pRotECtIvE CovER stYLE
style 1
style 2
Style 3
Use With Micro-D Connectors With
Jackposts
Not for rear panel mounted connectors.
Use With Micro-D Connectors With
Jackscrews
Use With Rear-Panel Mounted Micro-D
Connectors
Micro-D Accessories
Metal protective Covers 500-017 & 500-037
Choose Metal Protective Covers for
full environmental protection.
Silicone Rubber gasket provides a
watertight seal.
Use with M83513 Type Metal Shell
Micro-D Connectors
MAtERIALs & FINIshEs
Shell
Aluminum Alloy 6061 -T6
Gasket
Silicone Rubber
Hardware
300 Series Stainless
Steel, Passivated
Tapped
Threads
Silicone
Gasket
(All Styles)
hoW to oRDER stYLE 1 AND stYLE 2 pRotECtIvE CovERs
series
shell Finish
Connector
Size
Hardware Option
Lanyard Option
Lanyard
Length
Ring Terminal
Ordering Code
500-017
C Black
Anodize
E Chem Film
J Cadmium,
Yellow
Chromate
M Electroless
Nickel
NF Cadmium,
Olive Drab
Z2 Gold
09
15
21
25
31
37
51
51-2
67
69
100
stYLE 1
Fits Micro-D's With Jackposts
Cover has Jackscrews
MB Fillister Head Jackscrew
MH Hex Head Jackscrew
stYLE 2
Fits Micro-D's With Jackscrews
Cover has Tapped Female Threads
F Female Threads
(stYLE 3: see next page)
N No Lanyard
G Flexible Nylon
Rope
F Wire Rope,
Nylon Jacket
H Wire Rope,
Hi-Temp
Teflon Jacket
Length in
One Inch
Increments
Example: “6”
equals six
inches.
06 .125 (3.2)
01 .140 (3.6)
05 .167 (4.2)
04 .197 (5.0)
I.D. of Ring
Terminal
Sample Part Number
500-017
M
25
MB
F
4
– 06
Panel


Similar Part No. - 500-017NF21MHN4-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
500-017NF21MHN4-06 GLENAIR-500-017NF21MHN4-06 Datasheet
381Kb / 2P
   Micro-D Metal Protective Cover
500-017NF21MHN4-06 GLENAIR-500-017NF21MHN4-06 Datasheet
248Kb / 2P
   Metal Protective Covers
More results

Similar Description - 500-017NF21MHN4-01

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
660-023M15S GLENAIR-660-023M15S Datasheet
146Kb / 2P
   Metal Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06_11 Datasheet
248Kb / 2P
   Metal Protective Covers
667-347 GLENAIR-667-347 Datasheet
159Kb / 1P
   Metal Protective Covers
799-018MAMBN GLENAIR-799-018MAMBN Datasheet
515Kb / 2P
   METAL PROTECTIVE COVERS FOR MICRO-CRIMP CONNECTORS
290-016 GLENAIR-290-016 Datasheet
82Kb / 2P
   Metal Plug Protective Covers
290-009 GLENAIR-290-009 Datasheet
78Kb / 1P
   Metal Plug Protective Covers
290-010 GLENAIR-290-010 Datasheet
85Kb / 1P
   Metal Receptacle Protective Covers
500-017C09MBN4-06 GLENAIR-500-017C09MBN4-06_04 Datasheet
381Kb / 2P
   Micro-D Metal Protective Cover
660-006G16S5 GLENAIR-660-006G16S5 Datasheet
56Kb / 2P
   Protective Covers
660-008M20S6 GLENAIR-660-008M20S6 Datasheet
61Kb / 2P
   Protective Covers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com