Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ2010-RFX+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAXQ2010-RFX+
Description  16-Bit Mixed-Signal Microcontroller with LCD Interface
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ2010-RFX+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAXQ2010-RFX+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ2010-RFX+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
16-Bit Mixed-Signal Microcontroller
with LCD Interface
6
_______________________________________________________________________________________
RECOMMENDED DC OPERATING CONDITIONS (continued)
(VDVDD = VAVDD = 2.7V to 3.6V, TA = -40°C to +85°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FLASH PROGRAMMING
System Clock During Flash
Programming/Erase
2
MHz
Mass erase
24
Flash Erase Time
Page erase
24
ms
Flash Programming Time per
Word (Note 12)
66
μs
Write/Erase Cycles
20,000
Cycles
Data Retention
TA = +25°C
100
Years
ANALOG-TO-DIGITAL CONVERTER (Note 13)
Serial Clock Frequency
fSCLK
0.1
5
MHz
Unipolar (single-ended)
0
VREF
Input Voltage Range
VAIN
Bipolar (differential) (Note 14)
-VREF/2
+VREF/2
V
Analog Input Capacitance
CAIN
16
pF
IAVDD1
fSCLK = 5MHz, internal reference
1.9
2.5
Current Consumption (Note 4)
IAVDD2
fSCLK = 5MHz, external reference (internal
reference disabled)
1.1
1.3
mA
ANALOG-TO-DIGITAL CONVERTER PERFORMANCE (VREF = VAVDD, 0.1μF capacitor on VREF, fSCLK = 5MHz)
Resolution
12
Bits
Integral Nonlinearity
INL
±1
±2
LSB
Differential Nonlinearity
DNL
No missing codes over temperature
±1
LSB
Offset Error
VOS
±2
LSB
Offset Temperature Coefficient
±0.5
ppm/°C
Gain Error
±1
%
Gain Temperature Coefficient
±0.5
ppm/°C
Signal-to-Noise Plus Distortion
SINAD
fIN = 1kHz
65
dB
Spurious-Free Dynamic Range
SFDR
fIN = 1kHz
68
dB
Throughput
16 SCLK samples
312.5
ksps
Conversion Time
tCONV
Not including tACQ
2.6
μs
ADC Setup Time
tADC_SETUP
(Note 15)
4
μs
Input Leakage Current
IILA
Shutdown or conversion stopped,
ANx and VAEREF
±1
μA
Autoscan Throughput
All channels active
39
ksps per
channel
ANALOG-TO-DIGITAL CONVERTER REFERENCE
Internal Reference Voltage
VAIREF
1.47
1.5
1.53
V
Internal Reference Voltage
Startup Time
tAIREF
50
μs


Similar Part No. - MAXQ2010-RFX+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ2010-KIT MAXIM-MAXQ2010-KIT Datasheet
705Kb / 11P
   Evaluation Kit
Rev 2; 6/11
More results

Similar Description - MAXQ2010-RFX+

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
Q32M210 ONSEMI-Q32M210 Datasheet
505Kb / 50P
   Precision Mixed-Signal 32-bit Microcontroller SPI/SQI interface.
April, 2011 ??Rev. 5
logo
Maxim Integrated Produc...
MAXQ3100 MAXIM-MAXQ3100 Datasheet
328Kb / 30P
   Mixed-Signal Microcontroller with Analog Comparators, LCD, and RTC
Rev 0; 6/07
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com