Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR1533SE Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1533SE
Description  T1/E1/ CEPT Quad Port Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1533SE Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1533SE Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/E1/ CEPT Quad Port Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Leading Tranceiver I.C.’s
• Robust construction allows IR/VP reflow processes
• Operating Temperature : -40 °C to + 85°C
• 1500 Vrms Isolation
Schematic
EPR1533SE
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1533SE
Rev. -
1/13/03
.050
(1.27)
Solder Pad Layout
PCA
EPR1533SE
Date Code
.480
(12.19)
.670
(17.02)
.050
(1.27)
.030
(.762)
.090
(2.29)
120
21
40
.260
(6.60)
.035
(.889)
.008/.012
(.203/.305)
.600
(15.24)
.010/.015
(.254/.381)
.950
(24.13)
.016/.022
(.406/.559)
1.120
(28.45)
0°-8°
.085
(2.16)
Xmit1
Rcv1
40
39
12
Xmit4
Xmit2
Rcv3
Xmit3
38
37
34
35
34
67
33
32
89
30
29
11
12
28
27
13
14
25
24
16
17
23
22
18
19
Cable
Side
Chip Side
(Pri.)
Rcv2
Rcv4
Electrical Parameters @ 25° C
DCR
(
Ω Max.)
Xmit
Rcv
Turns Ratio
(± 2%)
0.8
Pri.
Pri.
0.8
Sec.
3
Sec.
0.8
1:2.4
Xmit
Pri:Sec
1: 1
Rcv
Pri:Sec
Leakage Inductance
(µH Max.)
0.5
@ 100 KHz, 0.1 Vrms
@ Pri. w/ Sec. shorted
Interwinding Capacitance
(pF Max.)
35
@ 100 KHz, 0.1 Vrms
Pri. to Sec.
1.5
Primary Inductance
(mH Typ.)
@ 100 KHz, 0.1 Vrms


Similar Part No. - EPR1533SE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1533S PCA-EPR1533S Datasheet
81Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
More results

Similar Description - EPR1533SE

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1532S PCA-EPR1532S Datasheet
30Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1525S PCA-EPR1525S Datasheet
43Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1531S PCA-EPR1531S Datasheet
48Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPA3455S PCA-EPA3455S Datasheet
31Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPA3481S PCA-EPA3481S Datasheet
32Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPA3557S PCA-EPA3557S Datasheet
86Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1534S PCA-EPR1534S Datasheet
38Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1526S PCA-EPR1526S Datasheet
31Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1536SE PCA-EPR1536SE Datasheet
29Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
EPR1533S PCA-EPR1533S Datasheet
81Kb / 1P
   T1/E1/ CEPT Quad Port Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com