Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19996A Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX19996A
Description  SiGe, High-Linearity, 2000MHz to 3900MHz Downconversion Mixer with LO Buffer
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19996A Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX19996A Datasheet HTML 4Page - Maxim Integrated Products MAX19996A Datasheet HTML 5Page - Maxim Integrated Products MAX19996A Datasheet HTML 6Page - Maxim Integrated Products MAX19996A Datasheet HTML 7Page - Maxim Integrated Products MAX19996A Datasheet HTML 8Page - Maxim Integrated Products MAX19996A Datasheet HTML 9Page - Maxim Integrated Products MAX19996A Datasheet HTML 10Page - Maxim Integrated Products MAX19996A Datasheet HTML 11Page - Maxim Integrated Products MAX19996A Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
SiGe, High-Linearity, 2000MHz to 3900MHz
Downconversion Mixer with LO Buffer
8
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
fIF = 450MHz,
L1 = L2 =
120nH
25
fIF = 350MHz,
L1 = L2 =
270nH
25
IF Output Return Loss
RLIF
RF terminated into 50
Ω, LO
driven by 50
Ω source, IF
transformed to 50
Ω using
external components
shown in the Typical
Application Circuit; see the
Typical Operating
Characteristics for
performance vs. inductor
values
fIF = 300MHz,
L1 = L2 =
390nH
25
dB
RF-to-IF Isolation
fRF = 2600MHz PLO = +3dBm (Note 7)
23
27
dB
LO Leakage at RF Port
fLO = 2800MHz to 3600MHz PLO = +3dBm
-31
-20
dBm
2LO Leakage at RF Port
PLO = +3dBm
-27
dBm
LO Leakage at IF Port
PLO = +3dBm (Note 7)
-29.5
-20
dBm
5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS—fRF = 3100MHz TO 3900MHz,
LOW-SIDE LO INJECTION (continued)
(
Typical Application Circuit with tuning elements outlined in Table 1, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω
sources, PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 3100MHz to 3900MHz, fIF = 300MHz, fLO = 2800MHz to 3600MHz, fRF > fLO,
TC = -40°C to +85°C. Typical values are for TC = +25°C, VCC = 5.0V, PLO = 0dBm, fRF = 3500MHz, fLO = 3200MHz, fIF = 300MHz.
All parameters are guaranteed by design and characterization, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal Conversion Gain
GC
7.6
dB
fRF = 3450MHz to 3750MHz, any 100MHz
band
0.15
Gain Variation vs. Frequency
∆GC
fRF = 3450MHz to 3750MHz, any 200MHz
band
0.3
dB
Conversion Gain Temperature
Coefficient
TCCG
TC = -40°C to +85°C
-0.012
dB/°C
Single Sideband Noise Figure
NFSSB
No blockers present
10.9
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40°C to +85°C
0.018
dB/°C
Input 1dB Compression Point
IP1dB
(Note 9)
12.4
dBm
Third-Order Input Intercept Point
IIP3
fRF1 = 3500MHz, fRF2 = 3501MHz,
PRF1 = PRF2 = -5dBm
24.7
dBm
IIP3 Variation with TC
fRF1 = 3500MHz, fRF2 = 3501MHz,
PRF1 = PRF2 = -5dBm, TC = -40°C to +85°C
±0.5
dB
PRF = -10dBm
69
2LO-2RF Spur Rejection
2 x 2
fSPUR = fLO - 150MHz
PRF = -5dBm
64
dBc
+5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS—fRF = 3100MHz TO 3900MHz,
HIGH-SIDE LO INJECTION
(
Typical Application Circuit with tuning elements outlined in Table 1, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω
sources, Typical values are for TC = +25°C, VCC = 5.0V, PLO = 0dBm, fRF = 3500MHz, fLO = 3800MHz, fIF = 300MHz. Parameters
are guaranteed by design and not production tested.) (Note 6)


Similar Part No. - MAX19996A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996ETP MAXIM-MAX19996ETP Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX19996ETPT MAXIM-MAX19996ETPT Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
More results

Similar Description - MAX19996A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19996 MAXIM-MAX19996 Datasheet
404Kb / 19P
   SiGe High-Linearity, 2000MHz to 3000MHz Downconversion Mixer with LO Buffer
Rev 0; 7/08
MAX2042 MAXIM-MAX2042 Datasheet
4Mb / 27P
   SiGe High-Linearity, 2000MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 8/09
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19998 MAXIM-MAX19998 Datasheet
5Mb / 28P
   SiGe, High-Linearity, 2300MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX9984 MAXIM-MAX9984 Datasheet
493Kb / 15P
   SiGe High-Linearity, 400MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 4/05
MAX9986A MAXIM-MAX9986A Datasheet
348Kb / 12P
   SiGe High-Linearity, 815MHz to 1000MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 1/06
MAX2044 MAXIM-MAX2044 Datasheet
6Mb / 39P
   SiGe, High-Linearity, 2300MHz to 4000MHz Upconversion/Downconversion Mixer with LO Buffer
Rev 0; 10/09
MAX19997A_1108 MAXIM-MAX19997A_1108 Datasheet
631Kb / 35P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 3; 8/11
MAX19997A MAXIM-MAX19997A Datasheet
492Kb / 34P
   Dual, SiGe High-Linearity, 1800MHz to 2900MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
MAX19999 MAXIM-MAX19999 Datasheet
324Kb / 19P
   Dual, SiGe High-Linearity, 3000MHz to 4000MHz Downconversion Mixer with LO Buffer
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com