Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX19995A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19995A
Description  Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19995A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19995A Datasheet HTML 1Page - Maxim Integrated Products MAX19995A Datasheet HTML 2Page - Maxim Integrated Products MAX19995A Datasheet HTML 3Page - Maxim Integrated Products MAX19995A Datasheet HTML 4Page - Maxim Integrated Products MAX19995A Datasheet HTML 5Page - Maxim Integrated Products MAX19995A Datasheet HTML 6Page - Maxim Integrated Products MAX19995A Datasheet HTML 7Page - Maxim Integrated Products MAX19995A Datasheet HTML 8Page - Maxim Integrated Products MAX19995A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Dual, SiGe, High-Linearity, 1700MHz to 2200MHz
Downconversion Mixer with LO Buffer/Switch
_______________________________________________________________________________________
5
3.3V SUPPLY AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, R1 = R4 = 909Ω, R2 = R5 = 1kΩ. Typical values are at VCC = 3.3V, PRF = -5dBm, PLO = 0dBm,
fRF = 1850MHz, fLO = 2200MHz, fIF = 350MHz, TC = +25°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
GC
(Note 8)
8.4
dB
Flatness over any one of three frequency
bands:
fRF = 1710MHz to 1785MHz
+0.07
fRF = 1850MHz to 1910MHz
-0.03
Conversion Gain Flatness
ΔGC
fRF = 1920MHz to 1980MHz
-0.13
dB
Gain Variation Over Temperature
TCCG
TC = -40°C to +85°C
-0.013
dB/°C
Input Compression Point
IP1dB
(Note 9)
10.2
dBm
Input Third-Order Intercept Point
IIP3
fRF1 - fRF2 = 1MHz
22.5
dBm
Input Third-Order Intercept Point
Variation Over Temperature
TCIIP3
fRF1 - fRF2 = 1MHz, PRF = -5dBm per tone,
TC = -40°C to +85°C
0.0017
dBm/°C
Noise Figure
NFSSB
Single sideband, no blockers present
9
dB
Noise Figure Temperature
Coefficient
TCNF
Single sideband, no blockers present,
TC = -40°C to +85°C
0.016
dB/°C
PRF = -10dBm
65
2LO-2RF Spur Rejection
2 x 2
PRF = -5dBm
60
dBc
PRF = -10dBm
77
3LO-3RF Spur Rejection
3 x 3
PRF = -5dBm
67
dBc
RF Input Return Loss
LO and IF terminated into matched
impedance, LO on
25
dB
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RFMAIN converted power measured at
IFDIV relative to IFMAIN, all unused ports
terminated to 50
Ω
40
48
Channel Isolation (Note 7)
RFDIV converted power measured at
IFMAIN relative to IFDIV, all unused ports
terminated to 50
Ω
40
48
dB
LO-to-LO Isolation
PLO1 = +3dBm, PLO2 = +3dBm,
fLO1 = 2200MHz, fLO2 = 2201MHz (Note 7)
40
48
dB
LO Switching Time
50% of LOSEL to IF settled within
2 degrees
50
ns
5.0V SUPPLY AC ELECTRICAL CHARACTERISTICS (continued)
(
Typical Application Circuit, R1 = R4 = 681Ω, R2 = R5 = 1.5kΩ, VCC = 4.75V to 5.25V, RF and LO ports are driven from 50Ω sources,
PLO = -3dBm to +3dBm, PRF = -5dBm, fRF = 1700MHz to 2000MHz, fLO = 2050MHz to 2350MHz, fIF = 350MHz, fRF < fLO, TC = -40°C
to +85°C. Typical values are at VCC = 5.0V, PRF = -5dBm, PLO = 0dBm, fRF = 1850MHz, fLO = 2200MHz, fIF = 350MHz, TC = +25°C.
All parameters are guaranteed by design and characterization, unless otherwise noted.) (Note 6)


Similar Part No. - MAX19995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995ETX++ MAXIM-MAX19995ETX+ Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX19995ETX+T MAXIM-MAX19995ETX+T Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
More results

Similar Description - MAX19995A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19995 MAXIM-MAX19995 Datasheet
510Kb / 29P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/08
MAX9995 MAXIM-MAX9995 Datasheet
363Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 8/04
MAX9994 MAXIM-MAX9994 Datasheet
548Kb / 12P
   SiGe High-Linearity, 1700MHz to 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX2039 MAXIM-MAX2039 Datasheet
363Kb / 16P
   High-Linearity, 1700MHz to 2200MHz Upconversion/ Downconversion Mixer with LO Buffer/Switch
Rev 0; 10/04
MAX9995 MAXIM-MAX9995_11 Datasheet
387Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 1; 3/11
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
MAX9995 MAXIM-MAX9995_13 Datasheet
389Kb / 13P
   Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
Rev 2; 12/12
MAX9996 MAXIM-MAX9996 Datasheet
410Kb / 12P
   SiGe High-Linearity, 1700MHz2 2200MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 12/04
MAX9993 MAXIM-MAX9993 Datasheet
492Kb / 12P
   High-Linearity 1700MHz to 2200MHz Down- Conversion Mixer with LO Buffer/Switch
Rev 0; 10/02
MAX2041 MAXIM-MAX2041 Datasheet
395Kb / 16P
   High-Linearity, 1700MHz to 3000MHz Upconversion / Downconversion Mixer with LO Buffer / Switch
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com