Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17036 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17036
Description  1/2/3-Phase Quick-PWM IMVP-6.5 VID Controllers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17036 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17036 Datasheet HTML 1Page - Maxim Integrated Products MAX17036 Datasheet HTML 2Page - Maxim Integrated Products MAX17036 Datasheet HTML 3Page - Maxim Integrated Products MAX17036 Datasheet HTML 4Page - Maxim Integrated Products MAX17036 Datasheet HTML 5Page - Maxim Integrated Products MAX17036 Datasheet HTML 6Page - Maxim Integrated Products MAX17036 Datasheet HTML 7Page - Maxim Integrated Products MAX17036 Datasheet HTML 8Page - Maxim Integrated Products MAX17036 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
General Description
The MAX17030/MAX17036 are 3/2-phase interleaved
Quick-PWM™ step-down VID power-supply controllers
for IMVP-6.5 notebook CPUs. Two integrated drivers and
the option to drive a third phase using an external driver
such as the MAX8791 allow for a flexible 3/2-phase con-
figuration depending on the CPU being supported.
True out-of-phase operation reduces input ripple-current
requirements and output-voltage ripple while easing
component selection and layout difficulties. The Quick-
PWM control provides instantaneous response to fast
load-current steps. Active voltage positioning reduces
power dissipation and bulk output capacitance require-
ments and allows ideal positioning compensation for tan-
talum, polymer, or ceramic bulk output capacitors.
The MAX17030/MAX17036 are intended for bucking
down the battery directly to create the core voltage.
The single-stage conversion method allows this device
to directly step down high-voltage batteries for the
highest possible efficiency.
A slew-rate controller allows controlled transitions
between VID codes. A thermistor-based temperature
sensor provides programmable thermal protection. An
output current monitor provides an analog current out-
put proportional to the sum of the inductor currents,
which in steady state is the same as the current con-
sumed by the CPU.
Applications
IMVP-6.5 SV and XE Core Power Supplies
High-Current Voltage-Positioned Step-Down
Converters
3 to 4 Li+ Cells Battery to CPU Core Supply
Converters
Notebooks/Desktops/Servers
Features
o Triple/Dual-Phase Quick-PWM Controllers
o 2 Internal Drivers + 1 External Driver
o ±0.5% VOUT Accuracy Over Line, Load, and
Temperature
o 7-Bit IMVP-6.5 DAC
o Dynamic Phase Selection Optimizes Active/Sleep
Efficiency
o Transient Phase Overlap Reduces Output
Capacitance
o Transient Suppression Feature (MAX17036 Only)
o Integrated Boost Switches
o Active Voltage Positioning with Adjustable Gain
o Accurate Lossless Current Balance and
Current Limit
o Remote Output and Ground Sense
o Adjustable Output Slew-Rate Control
o Power-Good (IMVPOK), Clock Enable (CLKEN),
and Thermal-Fault (
VRHOT) Outputs
o IMVP-6.5 Power Sequencing and Timing
Compliant
o Output Current Monitor (IMON)
o Drives Large Synchronous Rectifier FETs
o 7V to 26V Battery Input Range
o Adjustable Switching Frequency (600kHz max)
o Undervoltage, Overvoltage, and Thermal-Fault
Protection
1/2/3-Phase Quick-PWM
IMVP-6.5 VID Controllers
________________________________________________________________
Maxim Integrated Products
1
SHDN
TON
DRSKP
PWM3
DPRSLPVR
PSI
CSP2
CSN2
CSP1
D6
D5
D4
D3
D2
D1
D0
PGD_IN
CSN1
PWRGD
MAX17030
MAX17036
THIN QFN
5mm x 5mm
+
TOP VIEW
35
36
34
33
12
11
13
14
12
4
5
6
7
27
28
29
30
26
24 23
22
3
25
37
38
39
40
32
15
31
16
17
18
19
20
89
10
21
CLKEN
Pin Configuration
Ordering Information
19-4577; Rev 0; 4/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-PACKAGE
MAX17030GTL+
-40°C to +105°C
40 TQFN-EP*
MAX17036GTL+
-40°C to +105°C
40 TQFN-EP*
+
Denotes a lead-free(Pb)/RoHS-compliant package.
*
EP = Exposed pad.
Quick-PWM is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX17036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX17031 MAXIM-MAX17031 Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17031ETG++ MAXIM-MAX17031ETG+ Datasheet
576Kb / 24P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO and RTC Regulator for MAIN Supplies
Rev 0; 10/08
MAX17035 MAXIM-MAX17035 Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
MAX17035ETG++ MAXIM-MAX17035ETG+ Datasheet
2Mb / 27P
   High-Frequency, Low-Cost SMBus Chargers
Rev 0; 7/09
More results

Similar Description - MAX17036

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17528 MAXIM-MAX17528 Datasheet
899Kb / 41P
   1-Phase Quick-PWM Intel IMVP-6.5/GMCH Controllers
Rev 0; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX8796 MAXIM-MAX8796 Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
2012
MAX8796EVKIT MAXIM-MAX8796EVKIT Datasheet
75Kb / 4P
   1-Phase, Quick-PWM Intel IMVP-6/GMCH Controllers
19-2452 Rev 2
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
   Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
MAX17582 MAXIM-MAX17582 Datasheet
755Kb / 42P
   Dual-Phase, Quick-PWM Controller for IMVP-6.5 CPU Core Power Supplies
Rev 0; 7/09
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
Intersil Corporation
ISL62881HRTZ INTERSIL-ISL62881HRTZ Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5 Mobile CPUs and GPUs
June 16, 2011
ISL62881C INTERSIL-ISL62881C Datasheet
1Mb / 37P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
ISL62881 INTERSIL-ISL62881 Datasheet
1Mb / 35P
   Single-Phase PWM Regulator for IMVP-6.5??Mobile CPUs and GPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com