Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17017 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17017
Description  Quad-Output Controller for Low-Power Architecture
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17017 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17017 Datasheet HTML 1Page - Maxim Integrated Products MAX17017 Datasheet HTML 2Page - Maxim Integrated Products MAX17017 Datasheet HTML 3Page - Maxim Integrated Products MAX17017 Datasheet HTML 4Page - Maxim Integrated Products MAX17017 Datasheet HTML 5Page - Maxim Integrated Products MAX17017 Datasheet HTML 6Page - Maxim Integrated Products MAX17017 Datasheet HTML 7Page - Maxim Integrated Products MAX17017 Datasheet HTML 8Page - Maxim Integrated Products MAX17017 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Quad-Output Controller for
Low-Power Architecture
_______________________________________________________________________________________
3
TA = 0°C to +85°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Current
Main Step-Down and Regulator B
ONA = ONB = VCC, ONC = OND = GND;
does not include switching losses,
measured from VCC
280
350
μA
VCC Supply Current
Main Step-Down and Regulator C
ONA = ONC = VCC, ONB = OND = GND;
does not include switching losses,
measured from VCC
280
350
μA
VCC Supply Current
Main Step-Down and Regulator D
ONA = OND = VCC, ONB = ONC = GND;
does not include switching losses;
measured from VCC
2.2
3
mA
INA Supply Current (Step-Down)
IINA
ONA = VCC, UP/DN = VCC (step-down)
40
60
μA
INA + VCC Step-Up Supply Current
IINA
ONA = VCC, UP/DN = GND (step-up)
320
410
μA
5V LINEAR REGULATOR (LDO5)
LDO5 Output Voltage
VLDO5
VINLDO = 5.5V to 26V, ILDO5 = 0 to 50mA,
BYP = GND
4.8
5.0
5.2
V
LDO5 Short-Circuit Current Limit
LDO5 = BYP = GND
70
160
250
mA
BYP Switchover Threshold
VBYP
Rising edge
4.65
V
LDO5-to-BYP Switch Resistance
RBYP
LDO5 to BYP, VBYP = 5V, ILDO5 = 50mA
1.5
4
_
1.25V REFERENCE
Reference Output Voltage
VREF
No load
1.237
1.25
1.263
V
Reference Load Regulation
_VREF
IREF = -1μA to +50μA
3
10
mV
Reference Undervoltage Lockout
VREF(UVLO)
1.0
V
OSCILLATOR
FREQ = VCC
500
FREQ = REF
750
kHz
Oscillator Frequency
fOSC
FREQ = GND
0.9
1.0
1.1
MHz
fSWA
Main step-up/step-down (regulator A)
1/2 fOSC
fSWB
Regulator B
fOSC
Switching Frequency
fSWC
Regulator C
1/2 fOSC
MHz
Maximum Duty Cycle
(All Switching Regulators)
DMAX
90
93.5
%
FREQ = VCC or GND
90
Minimum On-Time
(All Switching Regulators)
tON(MIN)
FREQ = REF
75
ns
REGULATOR A (Main Step-Up/Step-Down)
Step-up configuration (
UP/DN = GND)
3.0
VCC +
0.3
Output-Voltage Adjust Range
Step-down configuration (
UP/DN = VCC)
1.0
VCC +
0.3
V
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1 (step-down), VINLDO = 12V, VINA = VINBC = VDD = VCC = VBYP = VCSPA = VCSNA = 5V, VIND = 1.8V, VSHDN =
VONA = VONB = VONC = VOND = 5V, IREF = ILDO5 = IOUTD = no load, FREQ = GND, UP/DN = VCC, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.) (Note 1)


Similar Part No. - MAX17017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17010 MAXIM-MAX17010 Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010 MAXIM-MAX17010 Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010ETL++ MAXIM-MAX17010ETL+ Datasheet
283Kb / 17P
   Internal-Switch Boost Regulator with Integrated High-Voltage Level Shifter and Op Amp
Rev 0; 3/07
MAX17010EVKIT MAXIM-MAX17010EVKIT Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
MAX17010EVKIT++ MAXIM-MAX17010EVKIT+ Datasheet
182Kb / 10P
   Eight 30V to -10V High-Voltage Level-Shifting Buffers
Rev 0; 7/07
More results

Similar Description - MAX17017

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-4000 AVAGO-ADNS-4000 Datasheet
272Kb / 30P
   Low Power Architecture
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX5935 MAXIM-MAX5935 Datasheet
706Kb / 10P
   Quad Network Power Controller for Power-Over-LAN
19-3412; Rev 3; 5/07
MAX5945 MAXIM-MAX5945 Datasheet
572Kb / 44P
   Quad Network Power Controller for Power-Over-LAN
Rev 1; 9/05
logo
Xilinx, Inc
DS105 XILINX-DS105 Datasheet
106Kb / 4P
   Low-power segmented routing architecture
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Semtech Corporation
SC1402 SEMTECH-SC1402 Datasheet
270Kb / 18P
   Multi-Output, Low-Noise Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com