Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPR1010 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPR1010
Description  T1/CEPT/ISDN-PRI Interface Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPR1010 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPR1010 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
T1/CEPT/ISDN-PRI Interface Transformers
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Opitmized for Leading Transceiver I.C.’s
• Meets or exceeds UL1459, UL1950 and
EN60950 Standards
• 1500 Vrms Isolation
EPR1001-EPR1010
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25°C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSR1001-CSR1010
Rev. 3
4/14/03 JDG
1.2
1.2
1.5
1.2
1.5
1.2
0.5
1.2
1.2
1.2
OCL
(mH Min.)
0.7
0.7
0.7
0.7
0.7
0.9
0.7
0.7
0.7
0.7
Pri. DCR
(
Ω Max.)
1CT:1
1:2CT
1:1.15
1:1,36CT
1:1.26
1:3CT
1:4CT
1CT:2CT
1:2.3CT
1:1.5CT
Turns
Ratio
EPR1001
EPR1002
EPR1003
EPR1004
EPR1005
EPR1006
EPR1007
EPR1008
EPR1009
EPR1010
Part
Number
0.5
0.5
0.6
0.8
0.4
0.8
0.5
0.5
0.8
0.6
LI
(µH Max.)
25
40
35
35
40
60
40
30
35
30
Cw/w
(pF Max.)
B
B
C
D
B
D
D
A
D
B
Schematic
Schematics
0.7
1.3
0.9
0.9
0.9
2.7
1.5
1.2
1.4
1.0
Sec. DCR
(
Ω Max.)
AB
C
D
1
3
5
2
4
6
1
3
5
2
6
1
5
2
6
1
5
2
4
6
2
1
PCA
EPRXXXX
D.C.
5
.350
(8.89)
.490
(12.45)
.400
(10.16)
.075/.085
(1.90/2.16)
2.40
(6.10)
.100
(2.54)
.100
(2.54)
.017/.023
(.412/.584)
6
34
.200
(5.08)


Similar Part No. - EPR1010

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1012E PCA-EPR1012E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1013E PCA-EPR1013E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1014E PCA-EPR1014E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1015E PCA-EPR1015E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
More results

Similar Description - EPR1010

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1026 PCA-EPR1026 Datasheet
54Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1076S PCA-EPR1076S Datasheet
36Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1100S PCA-EPR1100S Datasheet
88Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1035E PCA-EPR1035E Datasheet
38Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1011E PCA-EPR1011E Datasheet
35Kb / 1P
   T1/CEPT/ISDN-PRI Interface Transformers
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
EPA1064 PCA-EPA1064 Datasheet
126Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
EPA1071 PCA-EPA1071 Datasheet
91Kb / 1P
   T1/CEPT/ISDN-PRI Carrier Interface Transformers
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com