Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16822AASA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX16822AASA+
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822AASA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX16822AASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
4
_______________________________________________________________________________________
NORMALIZED ILED
vs. VIN
VIN (V)
60
55
50
45
40
35
30
25
20
15
10
5
0.950
1.00
1.05
1.10
0.90
065
1 LED
3 LEDs
5 LEDs 7 LEDs
9 LEDs11 LEDs13 LEDs
15 LEDs
QUIESCENT CURRENT
vs. VIN
VIN (V)
60
55
45 50
15 20 25 30 35 40
5 10
50
100
150
200
250
300
350
400
450
500
0
065
VDIM = 0V
PWM DIMMING
AT 200Hz DUTY CYCLE (10%)
MAX16822A toc06
1ms/div
ILED
200mA/div
0
0
VDIM
5V/div
VIN = 48V
8 LEDs
Typical Operating Characteristics (continued)
(VIN = VDIM = 48V, CVCC = 1µF, RSENSE = 0.62
Ω, L = 220µH (connected between IN and CS). Typical values are at TA = +25°C,
unless otherwise noted.)
LED CURRENT
vs. VTEMP_I
VTEMP_I (V)
2.4
2.0
1.2
1.6
0.8
0.4
50
100
150
200
250
300
350
400
450
500
0
0
2.8
ILED
vs. TEMPERATURE
TEMPERATURE (
°C)
110
95
80
65
50
35
20
5
-10
-25
0.1
0.2
0.3
0.4
0.5
0
-40
125
VIN = 48V
PWM DIMMING
AT 200Hz DUTY CYCLE (90%)
MAX16822A toc07
1ms/div
ILED
200mA/div
VDIM
5V/div
VIN = 48V
8 LEDs
0
0
PWM DIMMING
AT 20kHz DUTY CYCLE (90%)
MAX16822A toc08
10
μs/div
ILED
200mA/div
VDIM
5V/div
0
0


Similar Part No. - MAX16822AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results

Similar Description - MAX16822AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com