Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16822AASA+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16822AASA+
Description  2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16822AASA+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16822AASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX16822AASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2MHz, High-Brightness LED Drivers with
Integrated MOSFET and High-Side Current Sense
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INTERNAL MOSFET
VIN = VDIM = 24V, VCS = 23.9V,
ILX = 350mA
0.85
1.7
Drain-to-Source Resistance
RDSON
VIN = VDIM = 6.0V, VCS = 5.9V,
ILX = 350mA
1
2
LX Leakage Current
ILX_LEAK
VDIM = 0V, VLX = 65V
10
μA
DIM INPUT
DIM Input-Voltage High
VIH
VIN - VCS = 100mV
2.8
V
DIM Input-Voltage Low
VIL
VCS - VIN = 100mV
0.6
V
DIM Turn-On Time
tDIM_ON
VDIM rising edge to VLX < 0.5VIN
200
ns
DIM Input Leakage High
VDIM = VIN
15
μA
DIM Input Leakage Low
VDIM = 0V
-3
0
μA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
165
°C
Thermal-Shutdown Threshold
Hsysteresis
10
°C
THERMAL FOLDBACK
Thermal-Foldback Enable
Threshold Voltage
VTFBON_THR
VDIM = 5V
1.9
2.0
2.12
V
Thermal-Foldback Slope
FBSLOPE
VDIM = 5V
0.75
1/V
TEMP_I Output Bias Current
ITEMP_I
25
26.5
28
μA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +24V, VDIM = VIN, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
EFFICIENCY
vs. VIN
VIN (V)
55
45
35
25
15
75
80
85
90
95
100
70
565
1 LED
3 LEDs
5 LEDs
7 LEDs9 LEDs
11 LEDs13 LEDs 15 LEDs
9 LEDs
DUTY CYCLE
vs. VIN
VIN (V)
55
45
35
25
15
10
20
30
40
50
60
70
80
90
100
0
565
1 LED
3 LEDs
5 LEDs
7 LEDs
15 LEDs
11 LEDs
13 LEDs
FREQUENCY
vs. VIN
VIN (V)
55
45
35
25
15
10
20
30
40
50
60
70
80
90
100
0
565
1 LED
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
Typical Operating Characteristics
(VIN = VDIM = 48V, CVCC = 1µF, RSENSE = 0.62
Ω, L = 220µH (connected between IN and CS). Typical values are at TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX16822AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16822AASA++ MAXIM-MAX16822AASA+ Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
More results

Similar Description - MAX16822AASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16832A MAXIM-MAX16832A_12 Datasheet
259Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 5; 3/12
MAX16832A MAXIM-MAX16832A Datasheet
142Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16832A MAXIM-MAX16832A_V01 Datasheet
267Kb / 10P
   2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
2015
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
   2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com