Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16057ATT__+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX16057ATT__+T
Description  125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16057ATT__+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX16057ATT__+T Datasheet HTML 7Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 8Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 9Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 10Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 11Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 12Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 13Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 14Page - Maxim Integrated Products MAX16057ATT__+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Interfacing to Other Voltages
for Logic Compatibility
The open-drain RESET output can be used to interface
to a µP with other logic levels. The open-drain output is
connected to a voltage from 0V to 5.5V as shown in
Figure 5. Generally, the pullup resistor connected to
RESET connects to the supply voltage that is being
monitored at the device’s VCC input. However, some
systems use the open-drain output to level-shift from
the supervisor’s monitored supply to another supply
voltage. As the supervisor’s VCC decreases, so does
the device’s ability to sink current at RESET.
Ensuring a Valid
RESET Down to VCC = 0V
(Push-Pull
RESET)
When VCC falls below 1.1V, the current-sinking capabil-
ity of RESET decreases drastically. The high-imped-
ance CMOS logic inputs connected to RESET can drift
to undetermined voltages. This presents no problems in
most applications, since most µPs and other circuitry
do not operate with VCC below 1.1V. In those applica-
tions where RESET must be valid down to 0, add a pull-
down resistor between the MAX16056/MAX16057
push-pull RESET output and GND. The resistor sinks
any stray leakage currents, holding RESET low (Figure
6). Choose a pulldown resistor that accommodates
leakages, such that RESET is not significantly loaded
and is capable of pulling to GND. The external pull-
down cannot be used with the open-drain RESET out-
put of the MAX16058/MAX16059.
125nA Supervisory Circuits with Capacitor-
Adjustable Reset and Watchdog Timeouts
______________________________________________________________________________________
11
Figure 5. Interfacing with Other Voltage Levels
5V
GND
µP
RESET
100k
3.3V
MAX16058
MAX16059
VCC
VCC
GND
RESET
Figure 6. Ensuring RESET Valid to VCC = GND
VCC
VCC
GND
RESET
2M
MAX16056
MAX16057


Similar Part No. - MAX16057ATT__+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16057ATT__+T MAXIM-MAX16057ATT__+T Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
More results

Similar Description - MAX16057ATT__+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16056 MAXIM-MAX16056_13 Datasheet
749Kb / 17P
   125nA Supervisory Circuits with Capacitor- Adjustable Reset and Watchdog Timeouts
Rev 2; 4/13
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
   5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
logo
ams AG
AS1916 AMSCO-AS1916 Datasheet
401Kb / 13P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
AS1916 AMSCO-AS1916_04 Datasheet
832Kb / 15P
   Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Maxim Integrated Produc...
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6301 MAXIM-MAX6301_10 Datasheet
160Kb / 12P
   5V, Low-Power μP Supervisory Circuits with Adjustable Reset/Watchdog
Rev 4; 9/10
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com