Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16001 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX16001
Description  Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16001 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX16001 Datasheet HTML 2Page - Maxim Integrated Products MAX16001 Datasheet HTML 3Page - Maxim Integrated Products MAX16001 Datasheet HTML 4Page - Maxim Integrated Products MAX16001 Datasheet HTML 5Page - Maxim Integrated Products MAX16001 Datasheet HTML 6Page - Maxim Integrated Products MAX16001 Datasheet HTML 7Page - Maxim Integrated Products MAX16001 Datasheet HTML 8Page - Maxim Integrated Products MAX16001 Datasheet HTML 9Page - Maxim Integrated Products MAX16001 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
1000
0.01
0.1
1
10
100
1000
100
10
1
0.1
0.01
RESET TIMEOUT PERIOD
vs. CSRT
CSRT (nF)
WATCHDOG TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
203550658095 110 125
1.50
1.51
1.52
1.53
1.54
1.55
1.56
1.57
1.58
1.59
1.60
MARGIN ENABLE FUNCTION
MAX16000 toc12
OUT_
2V/div
MARGIN
2V/div
100
µs/div
RESET
2V/div
OUT_ AND RESET ARE
BELOW RESPECTIVE
THRESHOLDS
MARGIN DISABLE FUNCTION
MAX16000 toc13
OUT_
2V/div
MARGIN
2V/div
100
µs/div
RESET
2V/div
OUT_ AND RESET ARE BELOW RESPECTIVE
THRESHOLDS
REFERENCE VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (
µA)
0
100
200
300
400
500
600
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
MAX16005
REFERENCE VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
MAX16005
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
-40 -25 -10 5
20 35 50 65 80 95 110 125
1.20
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
MAX16005
Low-Voltage, Quad-/Hex-/Octal-Voltage
µP Supervisors
6
_______________________________________________________________________________________


Similar Part No. - MAX16001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16001 MAXIM-MAX16001_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX16001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16060 MAXIM-MAX16060 Datasheet
218Kb / 18P
   1% Accurate, Quad-/Hex-/Octal-Voltage uP Supervisors
19-4099; Rev 0; 4/08
MAX16134 MAXIM-MAX16134 Datasheet
661Kb / 23P
   Low-Voltage, Precision, Single/Dual/Triple/Quad-Voltage 關P Supervisors
Rev 0; 11/16
logo
Texas Instruments
TPS386000-Q1 TI1-TPS386000-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Quad Supply Voltage Supervisors
logo
Maxim Integrated Produc...
MAX6892 MAXIM-MAX6892 Datasheet
298Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 2/05
MAX6892 MAXIM-MAX6892_10 Datasheet
178Kb / 19P
   Pin-Selectable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 2; 9/10
MAX6889 MAXIM-MAX6889 Datasheet
261Kb / 40P
   EEPROM-Programmable, Octal/Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 1; 9/08
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com