Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15046
Description  40V, High-Performance, Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15046 Datasheet HTML 1Page - Maxim Integrated Products MAX15046 Datasheet HTML 2Page - Maxim Integrated Products MAX15046 Datasheet HTML 3Page - Maxim Integrated Products MAX15046 Datasheet HTML 4Page - Maxim Integrated Products MAX15046 Datasheet HTML 5Page - Maxim Integrated Products MAX15046 Datasheet HTML 6Page - Maxim Integrated Products MAX15046 Datasheet HTML 7Page - Maxim Integrated Products MAX15046 Datasheet HTML 8Page - Maxim Integrated Products MAX15046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
40V, High-Performance, Synchronous
Buck Controller
2 ______________________________________________________________________________________
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
IN to GND..............................................................-0.3V to +45V
VCC to GND..................... -0.3V to lower of (VIN + 0.6V) and 6V
EN, DRV to GND .....................................................-0.3V to +6V
PGOOD to GND ....................................................-0.3V to +45V
PGND to GND ......................................................-0.3V to +0.3V
DL to PGND.............................................-0.3V to (VDRV + 0.3V)
BST to PGND .......................................................-0.3V to +50V
LX and CSP to PGND...............................................-1V to +45V
LX and CSP to PGND............................-2V (50ns max) to +45V
BST to LX.................................................................-0.3V to +6V
CSP to LX .............................................................-0.3V to +0.3V
DH to LX.................................................. -0.3V to (VBST + 0.3V)
All Other Pins to GND .............................. -0.3V to (VCC + 0.3V)
VCC Short Circuit to GND..........................................Continuous
PGOOD Maximum Sink Current.........................................20mA
Continuous Power Dissipation (TA = +70NC):
16-Pin QSOP (derate 9.6mW/NC above +70NC) .......771.5mW
16-Pin QSOP-EP (derate 22.7mW/NC above +70NC) 1818.2mW
Junction-to-Case Thermal Resistance (θJC) (Note 1)
16-Pin QSOP................................................................37NC/W
16-Pin QSOP-EP ............................................................6NC/W
Junction-to-Ambient Thermal Resistance (θJA) (Note 1)
16-Pin QSOP...........................................................103.7NC/W
16-Pin QSOP-EP ..........................................................44NC/W
Operating Temperature Range........................ -40NC to +125NC
Junction Temperature .....................................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
ELECTRICAL CHARACTERISTICS
(VIN = 24V, VEN = 5V, VGND = VPGND = 0V, CIN = 1FF, CVCC = 4.7FF, RRT = 49.9kI, TA = TJ = -40NC to +125NC, unless otherwise
noted. Typical values are at TA = +25NC.) (Note 2)
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-lay-
er board. For detailed information on package thermal considerations, refer to http://www.maxim-ic.com/thermal-tutorial.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
Input-Voltage Range
VIN
4.5
40
V
VIN = VCC = VDRV
4.5
5.5
Quiescent Supply Current
IIN_Q
VIN = 24V, VFB = 0.9V, no switching
2
3
mA
Shutdown Supply Current
IIN_SBY
VIN = 24V, VEN = 0V, IVCC = 0,
PGOOD = unconnected
0.35
0.55
mA
VCC REGULATOR
Output Voltage
VVCC
6V ≤ VIN ≤ 40V, ILOAD = 6mA
5
5.25
5.5
V
VCC Regulator Dropout
VIN = 4.5V, ILOAD = 25mA
0.18
0.45
V
VCC Short-Circuit Output Current
VIN = 5V
30
55
90
mA
VCC Undervoltage Lockout
VCCUVLO
VVCC rising
3.8
4
4.2
V
VCC Undervoltage Lockout
Hysteresis
400
mV
ERROR AMPLIFIER (FB, COMP)
FB Input-Voltage Set Point
VFB
584
590
596
mV
FB Input Bias Current
IFB
VFB = 0.6V
-250
+250
nA
FB to COMP Transconductance
gM
ICOMP = Q20FA
600
1200
1800
F
S
Open-Loop Gain
80
dB
Unity-Gain Bandwidth
Capacitor from COMP to GND =
47pF
5
MHz


Similar Part No. - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046AAEE++ MAXIM-MAX15046AAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046B MAXIM-MAX15046B Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
MAX15046BAEE++ MAXIM-MAX15046BAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046BEVKIT MAXIM-MAX15046BEVKIT Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
More results

Similar Description - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com