Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15046 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15046
Description  40V, High-Performance, Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15046 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15046 Datasheet HTML 1Page - Maxim Integrated Products MAX15046 Datasheet HTML 2Page - Maxim Integrated Products MAX15046 Datasheet HTML 3Page - Maxim Integrated Products MAX15046 Datasheet HTML 4Page - Maxim Integrated Products MAX15046 Datasheet HTML 5Page - Maxim Integrated Products MAX15046 Datasheet HTML 6Page - Maxim Integrated Products MAX15046 Datasheet HTML 7Page - Maxim Integrated Products MAX15046 Datasheet HTML 8Page - Maxim Integrated Products MAX15046 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
40V, High-Performance, Synchronous
Buck Controller
General Description
The MAX15046 synchronous step-down controller oper-
ates from a 4.5V to 40V input voltage range and gener-
ates an adjustable output voltage from 85% of the input
voltage down to 0.6V, supporting loads up to 25A. The
device allows monotonic startup into a prebiased bus
without discharging the output and features adaptive
internal digital soft-start.
The MAX15046 offers the ability to adjust the switching
frequency from 100kHz to 1MHz with an external resis-
tor. The MAX15046’s adaptive synchronous rectifica-
tion eliminates the need for an external freewheeling
Schottky diode. The device also utilizes the external
low-side MOSFET’s on-resistance as a current-sense
element, eliminating the need for a current-sense resis-
tor. This protects the DC-DC components from damage
during output overloaded conditions or output short-
circuit faults without requiring a current-sense resistor.
Hiccup-mode current limit reduces power dissipation
during short-circuit conditions. The MAX15046 includes
a power-good output and an enable input with precise
turn-on/turn-off threshold, which can be used for input
supply monitoring and for power sequencing.
Additional protection features include sink-mode current
limit, and thermal shutdown. Sink-mode current limit pre-
vents reverse inductor current from reaching dangerous
levels when the device is sinking current from the output.
The MAX15046 is available in a 16-pin QSOP or 16-pin
QSOP-EP package and operates over the -40NC to +125NC
temperature range.
Features
S
Input Voltage Ranges from 4.5V to 40V or 5V
Q
10%
S
Adjustable Outputs from 0.85 x VIN Down to 0.6V
S
Adjustable Switching Frequency (100kHz to 1MHz)
with Q10% (1MHz) Accuracy
S
Adaptive Internal Digital Soft-Start
S
Up to 25A Output Capability
S
Cycle-by-Cycle Valley-Mode Current Limit with
Adjustable, Temperature-Compensated Threshold
(30mV to 300mV)
S
Monotonic Startup into Prebiased Output
S
Q
1% Accurate Voltage Reference
S
3A-Peak Gate Drivers
S
Hiccup-Mode Short-Circuit Protection (Patent-
Pending Architecture)
S
Overtemperature Shutdown
S
Power-Good (PGOOD) Output and Enable Input
(EN) with Q5% Accurate Threshold
S
Thermally Enhanced 16-Pin QSOP Package
Applications
Industrial Power Supplies (PLC, Industrial
Computers, Fieldbus Components, Fieldbus
Couplers)
Telecom Power Supplies
Base Stations
19-4719; Rev 0; 7/09
Pin Configurations appear at end of data sheet.
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Typical Operating Circuit
MAX15046
IN
VCC
DH
CSP
LX
BST
DL
DRV
PGND
GND
C1
Q1
Q2
PGOOD
EN
LIM
COMP
FB
RT
L1
0.6V TO 0.85V x VIN
VOUT
D1
R5
C4
C3
C2
R2
R3
R3
C6
C5
R4
4.5V TO 40V
VIN
ON
OFF
C7
R1
PART
TEMP RANGE
PIN-PACKAGE
MAX15046AAEE+
-40°C to +125°C
16 QSOP
MAX15046BAEE+
-40°C to +125°C
16 QSOP-EP*


Similar Part No. - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046AAEE++ MAXIM-MAX15046AAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046B MAXIM-MAX15046B Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
MAX15046BAEE++ MAXIM-MAX15046BAEE+ Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
MAX15046BEVKIT MAXIM-MAX15046BEVKIT Datasheet
973Kb / 7P
   350kHz Switching Frequency
Rev 0; 8/09
More results

Similar Description - MAX15046

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15046 MAXIM-MAX15046_10 Datasheet
3Mb / 24P
   40V, High-Performance, Synchronous Buck Controller
19-4719; Rev 1; 2/10
logo
Semtech Corporation
SC4612H SEMTECH-SC4612H_09 Datasheet
1Mb / 18P
   40V Synchronous Buck Controller
SC4612H SEMTECH-SC4612H Datasheet
539Kb / 21P
   40V Synchronous Buck Controller
logo
Vishay Siliconix
SI9142 VISHAY-SI9142 Datasheet
261Kb / 11P
   Synchronous Buck Controller for High Performance Processors
Rev. C, 05-Apr-99
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Semtech Corporation
SC4510 SEMTECH-SC4510 Datasheet
733Kb / 16P
   High Performance Synchronous Buck Controller With Reference Tracking
logo
Major-Power Technology ...
MA5621 MPOWER-MA5621 Datasheet
320Kb / 2P
   40V Synchronous Buck Controller with 2ch CC/CV
logo
Semtech Corporation
SC2545 SEMTECH-SC2545 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2542 SEMTECH-SC2542 Datasheet
1Mb / 27P
   High Performance Wide Input Range Dual Synchronous Buck Controller
SC2544 SEMTECH-SC2544 Datasheet
1Mb / 24P
   High Performance Wide Input Range Dual Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com