Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14802 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX14802
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14802 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX14802 Datasheet HTML 1Page - Maxim Integrated Products MAX14802 Datasheet HTML 2Page - Maxim Integrated Products MAX14802 Datasheet HTML 3Page - Maxim Integrated Products MAX14802 Datasheet HTML 4Page - Maxim Integrated Products MAX14802 Datasheet HTML 5Page - Maxim Integrated Products MAX14802 Datasheet HTML 6Page - Maxim Integrated Products MAX14802 Datasheet HTML 7Page - Maxim Integrated Products MAX14802 Datasheet HTML 8Page - Maxim Integrated Products MAX14802 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
_______________________________________________________________________________________
5
Test Circuits
MAX14800–
MAX14803
+100V
-100V
+100V
-100V
VPP
VNN
NO_
COM_
VPP
+100V
-100V
VNN
VDD
SWITCH OFF LEAKAGE
GND
5V
ISOL
MAX14800–
MAX14803
VOUT
RL
100k
VPP
VNN
NO_
COM_
VPP
VNN
VDD
DC OFFSET ON/OFF
GND
5V
MAX14800–
MAX14803
VOUT
VPP
VPP - 10V
VNN
NO_
COM_
VPP
VNN
VDD
tON/tOFF TEST CIRCUIT
GND
5V
RL
100k
MAX14800–
MAX14803
VPP
VNN
NO_
COM_
VPP
VNN
VDD
OFF ISOLATION
VISO = 20LOG
VOUT
VIN
GND
5V
MAX14800–
MAX14803
VOUT
VOUT = 10VP-P
AT 5MHz
VPP
VNN
COM_
IID
VPP
VNN
NO_
VPP
VNN
VDD
ISOLATION DIODE CURRENT
GND
5V
MAX14800–
MAX14803
VOUT
VOUT
VCOM_
VPP
VNN
NO_
100pF
COM_
VPP
VNN
VDD
Q = 1000pF x VOUT
CHARGE INJECTION
GND
VDD
MAX14800–
MAX14803
VOUT
+VSPK
-VSPK
VPP
VNN
NO_
COM_
VPP
VNN
VDD
OUTPUT-VOLTAGE SPIKE
GND
5V
RL
VOUT
MAX14800–
MAX14803
VPP
VNN
NO_
COM_
NO_
COM_
VPP
VNN
VDD
CROSSTALK
VCT = 20LOG
VOUT
VIN
GND
5V
VOUT = 10VP-P
AT 5MHz
50
VNN
50
50
RL
1k


Similar Part No. - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14802 MAXIM-MAX14802 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802CCM++ MAXIM-MAX14802CCM+ Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14802

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com