Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13431EEUB+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13431EEUB+
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13431EEUB+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13431EEUB+ Datasheet HTML 2Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 3Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 4Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX13431EEUB+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
6
_______________________________________________________________________________________
DRIVER SWITCHING CHARACTERISTICS (MAX13430E/MAX13432E (500 kbps)) (continued)
(VCC = +3V to +5.5V, VL = +1.8V to VCC, TA = -40°C to +85°C, unless otherwise noted. Typical values are VCC = +5V, VL = +1.8V at
TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER/RECEIVER
Time to Shutdown
tSHDN
50
340
700
ns
Note 2: Parameters are 100% production tested at TA = +25°C, unless otherwise noted. Limits over temperature are guaranteed by
design.
Note 3: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to device
ground, unless otherwise noted.
Note 4:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 5: The short-circuit output current is the peak current just prior to current limiting; the short-circuit foldback output current
applies during current limiting to allow a recovery from bus contention.
Typical Operating Characteriststics
(VCC = +5V, VL = +5V, TA = +25°C, unless otherwise noted.)
VCC SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
1
10
100
0
-40
85
DE = HIGH, MAX13433E
DE = LOW, MAX13433E
DE = HIGH, MAX13432E
DE = LOW, MAX13432E
VL = 5V
RDIFF = 54
DI = RE =LOW
OUTPUT CURRENT vs. RECEIVER
OUTPUT-HIGH VOLTAGE
MAX13430E-3E toc02
OUTPUT-HIGH VOLTAGE, VOH (V)
2
13
4
20
40
60
0
30
50
10
2
4
6
0
3
5
1
05
VL = 1.8V
VL = 5V
OUTPUT CURRENT vs. RECEIVER
OUTPUT-LOW VOLTAGE
MAX13430E-3E toc03
OUTPUT-LOW VOLTAGE, VOL (V)
2
13
4
80
0
40
60
20
8
0
4
6
2
05
VL = 1.8V
VL = 5V
RECEIVER OUTPUT-HIGH
VOLTAGE vs. TEMPERATURE
MAX13430E-3E toc04
TEMPERATURE (
°C)
10
-15
35
60
6.0
4.0
5.0
5.5
4.5
2.0
1.6
1.8
1.9
1.7
-40
85
VL = 1.8V
IO = 1mA
VL = 5V
RECEIVER OUTPUT-LOW VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
10
-15
35
60
0.5
0
0.2
0.3
0.4
0.1
-40
85
VL = 1.8V
IO = 1mA
VL = 5V
DIFFERENTIAL OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
2
13
4
140
0
80
100
120
60
40
20
05
VL = 5V


Similar Part No. - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13431EEUB++ MAXIM-MAX13431EEUB+ Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
More results

Similar Description - MAX13431EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com