Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14800 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14800
Description  Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14800 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14800 Datasheet HTML 6Page - Maxim Integrated Products MAX14800 Datasheet HTML 7Page - Maxim Integrated Products MAX14800 Datasheet HTML 8Page - Maxim Integrated Products MAX14800 Datasheet HTML 9Page - Maxim Integrated Products MAX14800 Datasheet HTML 10Page - Maxim Integrated Products MAX14800 Datasheet HTML 11Page - Maxim Integrated Products MAX14800 Datasheet HTML 12Page - Maxim Integrated Products MAX14800 Datasheet HTML 13Page - Maxim Integrated Products MAX14800 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Low-Charge Injection, 16-Channel,
High-Voltage Analog Switches
10
______________________________________________________________________________________
DIN
DATA FROM PREVIOUS DATA BYTE
POWER-UP DEFAULT: D15–D0 = 0
D15
D15
D14
D13
D14
D13
D1
D0
D1
D0
D15
LSB
MSB
LE
CLK
DOUT
DATA BITS
CONTROL
BITS
FUNCTION
D0
(LSB)
D1
D2
D3
D4
D5
D6
D7
LE
CLR
SW0
SW1
SW2
SW3
SW4
SW5
SW6
SW7
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
L
L
L
OFF
HL
L
ON
X
X
X
X
X
X
X
X
H
L
HOLD PREVIOUS STATE
X
X
X
X
X
X
X
X
X
H
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
Figure 2. Latch Enable Interface Timing
Table 1. Serial Interface Programming (Notes 5–10)


Similar Part No. - MAX14800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800CCM++ MAXIM-MAX14800CCM+ Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
More results

Similar Description - MAX14800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX14802 MAXIM-MAX14802 Datasheet
871Kb / 20P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
MAX4800 MAXIM-MAX4800_09 Datasheet
212Kb / 16P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 2; 5/09
logo
Supertex, Inc
HV20220 SUTEX-HV20220_13 Datasheet
491Kb / 10P
   Low Charge Injection, 8-Channel, High Voltage Analog Switches
HV220 SUTEX-HV220_07 Datasheet
1,008Kb / 11P
   Low Charge Injection 8-Channel High Voltage Analog Switches
HV220 SUTEX-HV220 Datasheet
914Kb / 12P
   Low Charge Injection 8-Channel High Voltage Analog Switches
logo
Maxim Integrated Produc...
MAX4800 MAXIM-MAX4800 Datasheet
1Mb / 21P
   Low-Charge Injection, 8-Channel, High-Voltage Analog Switches
Rev 1; 3/07
logo
Supertex, Inc
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
   Low Charge Injection 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601_V01 Datasheet
455Kb / 26P
   Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision E (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com