Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13430EEUB+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX13430EEUB+
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13430EEUB+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX13430EEUB+ Datasheet HTML 5Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 6Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 12Page - Maxim Integrated Products MAX13430EEUB+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
_______________________________________________________________________________________
9
DE
OUT
tDHZ
0
VL
VL/2
0.25V
0
VOH
GENERATOR
0 OR VL
S1
Y
Z
50
DE
D
OUT
tDZH, tDZH(SHDN)
VOM = (0 + VOH)/2
RL = 500
CL
50pF
Figure 4. Driver Enable and Disable Times (tDHZ, tDZH, and tDZHZ(SHDN))
DE
VCC
OUT
tDLZ
0
VL
VL/2
GENERATOR
0 OR VL
S1
Y
Z
DE
50
D
OUT
tDZL, tDZL(SHDN)
VOM = (VOL + VCC)/2
RL = 500
CL
50pF
VOL
0.25V
VCC
Figure 5. Driver Enable and Disable Times (tDZL, tDLZ, and tDLZ(SHDN))
Test Circuits and Waveforms (continued)


Similar Part No. - MAX13430EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430EEUB++ MAXIM-MAX13430EEUB+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430EEUB++ MAXIM-MAX13430EEUB+ Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430EEUB++ MAXIM-MAX13430EEUB+ Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
More results

Similar Description - MAX13430EEUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com