Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14523B Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX14523B
Description  250mA to 1.5A, Adjustable Current-Limit Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14523B Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX14523B Datasheet HTML 2Page - Maxim Integrated Products MAX14523B Datasheet HTML 3Page - Maxim Integrated Products MAX14523B Datasheet HTML 4Page - Maxim Integrated Products MAX14523B Datasheet HTML 5Page - Maxim Integrated Products MAX14523B Datasheet HTML 6Page - Maxim Integrated Products MAX14523B Datasheet HTML 7Page - Maxim Integrated Products MAX14523B Datasheet HTML 8Page - Maxim Integrated Products MAX14523B Datasheet HTML 9Page - Maxim Integrated Products MAX14523B Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
250mA to 1.5A, Adjustable
Current-Limit Switches
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VIN = +3.3V, CIN = 1µF, COUT = 1µF, RSETI = 94.2k
Ω, TA = +25°C, unless otherwise noted.)
NORMALIZED ON-RESISTANCE
vs. SUPPLY TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-40
125
SWITCH TURN-ON TIME
vs. SUPPLY TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.5
-40
125
VIN = +3.3V
VIN = +5.0V
RLOAD = 20
Ω
SWITCH TURN-OFF TIME
vs. SUPPLY TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
100
200
300
400
500
600
700
800
900
1000
0
-40
125
VIN = +3.3V
VIN = +5.0V
RLOAD = 20
Ω
SHUTDOWN REVERSE CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
1
2
3
4
5
6
7
8
9
10
0
-40
125
VON = 0V, VIN = +1.7V, VOUT = +5.5V
LATCHOFF CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
92
59
26
-7
5
10
15
20
25
30
0
-40
125
MAX14523B
VIN = +5.5V
VIN = +3.3V
NORMALIZED ON-RESISTANCE
vs. SUPPLY VOLTAGE
VOLTAGE (V)
4.55
3.60
2.65
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0.80
1.70
5.50


Similar Part No. - MAX14523B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523BATA MAXIM-MAX14523BATA Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523BATA++ MAXIM-MAX14523BATA+ Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523BATA/V+T MAXIM-MAX14523BATA/V+T Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523BATV MAXIM-MAX14523BATV Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results

Similar Description - MAX14523B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com