Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13432E Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13432E
Description  RS-485 Transceivers with Low-Voltage Logic Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13432E Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13432E Datasheet HTML 6Page - Maxim Integrated Products MAX13432E Datasheet HTML 7Page - Maxim Integrated Products MAX13432E Datasheet HTML 8Page - Maxim Integrated Products MAX13432E Datasheet HTML 9Page - Maxim Integrated Products MAX13432E Datasheet HTML 10Page - Maxim Integrated Products MAX13432E Datasheet HTML 11Page - Maxim Integrated Products MAX13432E Datasheet HTML 12Page - Maxim Integrated Products MAX13432E Datasheet HTML 13Page - Maxim Integrated Products MAX13432E Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
RS-485 Transceivers with Low-Voltage
Logic Interface
10
______________________________________________________________________________________
VID
R
B
A
RECEIVER
OUTPUT
ATE
Figure 6. Receiver Propagation Delay Test Circuit
A
B
RO
VOH
VL/2
tRPLH
tRPHL
VOL
+1V
-1V
THE RISE TIME AND FALL TIME OF INPUTS A AND B < 4ns
Figure 7. Receiver Propagation Delays
Test Circuits and Waveforms (continued)
S1 OPEN
S2 CLOSED
S3 = +1.5V
RO
VL
0
0
VOH
VOH/2
S1 OPEN
S2 CLOSED
S3 = +1.5V
tRHZ
VL
0
0
VOH
0.25V
VL/2
S1 CLOSED
S2 OPEN
S3 = -1.5V
VL
0
VOL
VL
VL/2
S1 CLOSED
S2 OPEN
S3 = -1.5V
tRLZ
VL
0
VOL
VL
0.25V
GENERATOR
VL
+1.5V
1k
CL
15pF
S2
S1
50
S3
-1.5V
R
VID
RE
RO
RE
RO
RE
RO
RE
tRZH, tRZH(SHDN)
tRZL, tRZL(SHDN)
(VOL + VL)/2
VL/2
R
RO
RE
Figure 8. Receiver Enable and Disable Times


Similar Part No. - MAX13432E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13432E MAXIM-MAX13432E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13432EESD++ MAXIM-MAX13432EESD+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13432EESD++ MAXIM-MAX13432EESD+ Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13432EESD++ MAXIM-MAX13432EESD+ Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13432EETD++ MAXIM-MAX13432EETD+ Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
More results

Similar Description - MAX13432E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13430E MAXIM-MAX13430E Datasheet
202Kb / 19P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 0; 10/08
MAX13430E MAXIM-MAX13430E_10 Datasheet
309Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13430E MAXIM-MAX13430E_14 Datasheet
493Kb / 20P
   RS-485 Transceivers with Low-Voltage Logic Interface
Rev 2; 5/10
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
   3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com