Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11600EKA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11600EKA+
Description  2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11600EKA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11600EKA+ Datasheet HTML 5Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 6Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 7Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 8Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 9Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 10Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 11Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 12Page - Maxim Integrated Products MAX11600EKA+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
minimize sampling errors with higher source imped-
ances, connect a 100pF capacitor from the analog
input to GND. This input capacitor forms an RC filter
with the source impedance limiting the analog input
bandwidth. For larger source impedances, use a buffer
amplifier to maintain analog input signal integrity.
When operating in internal clock mode, the T/H circuitry
enters its tracking mode on the ninth falling clock edge
of the address byte (see the
Slave Address section).
The T/H circuitry enters hold mode two internal clock
cycles later. A conversion or a series of conversions is
then internally clocked (eight clock cycles per conver-
sion) and the MAX11600–MAX11605 hold SCL low.
When operating in external clock mode, the T/H circuit-
ry enters track mode on the seventh falling edge of a
valid slave address byte. Hold mode is then entered on
the falling edge of the eighth clock cycle. The conver-
sion is performed during the next eight clock cycles.
The time required for the T/H circuitry to acquire an
input signal is a function of input capacitance. If the
analog input source impedance is high, the acquisition
time lengthens and more time must be allowed
between conversions. The acquisition time (tACQ) is the
minimum time needed for the signal to be acquired. It is
calculated by:
tACQ ≥ 6.25  (RSOURCE + RIN)  CIN
where RSOURCE is the analog input source impedance,
RIN = 2.5kΩ, and CIN = 18pF. tACQ is 1/fSCL for external
clock mode. For internal clock mode, the acquisition
time is two internal clock cycles. To select RSOURCE,
allow 625ns for tACQ in internal clock mode to account
for clock frequency variations.
2.7V to 3.6V and 4.5V to 5.5V, Low-Power,
4-/8-/12-Channel 2-Wire Serial 8-Bit ADCs
_______________________________________________________________________________________
9
tHD.STA
tSU.DAT
tHIGH
tR
tF
tHD.DAT
tHD.STA
S
Sr
A
SCL
SDA
tSU.STA
tLOW
tBUF
tSU.STO
PS
tHD.STA
tSU.DAT
tHIGH
tFCL
tHD.DAT
tHD.STA
S
Sr
A
SCL
SDA
tSU.STA
tLOW
tBUF
tSU.STO
S
tRCL
tRCL1
HS MODE
F/S MODE
a) F/S-MODE I2C SERIAL-INTERFACE TIMING
b) HS-MODE I2C SERIAL-INTERFACE TIMING
tFDA
tRDA
t
tR
tF
Figure 1. I2C Serial-Interface Timing
VDD
IOL = 3mA
IOH = 0mA
VOUT
400pF
SDA
Figure 2. Load Circuit


Similar Part No. - MAX11600EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
MAX11600 MAXIM-MAX11600 Datasheet
5Mb / 36P
   EV Kit Daughter Board Powered by the Master Board
Rev 0; 3/10
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
   Evaluation System
Rev 0; 3/10
More results

Similar Description - MAX11600EKA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX11612 MAXIM-MAX11612 Datasheet
394Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 1; 7/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX1236 MAXIM-MAX1236 Datasheet
407Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
19-2333; Rev 2; 2/03
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
   2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com