Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11800ETC+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11800ETC+
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11800ETC+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11800ETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 9Page - Maxim Integrated Products MAX11800ETC+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
6
_______________________________________________________________________________________
TERM
DEFINITION
Panel,
Touch Screen,
Touch Panel
Resistive Touch Sensor: Panel, or touch screen, or touch panel are used interchangeably to denote the
resistive touch sensor.
TSC
Touch-Screen Controller: Devices attached to a touch screen that provide the interface between an
application processor (AP) and touch screen.
X+
X Position Positive I/O: Analog I/O from resistive touch screen. See Figure 4 for configuration and
measurement details.
X-
X Position Negative I/O: Analog I/O from resistive touch screen. See Figure 4 for configuration and
measurement details.
Y+
Y Position Positive I/O: Analog I/O from resistive touch screen. See Figure 4 for configuration and measurement
details.
Y-
Y Position Negative I/O: Analog I/O from resistive touch screen. See Figure 4 for configuration and
measurement details.
RTOUCH
Touch Resistance: Represents the resistance between the X and Y planes of a resistive touch screen during a
touch event.
Z1
Z1 Measurement: A resistive touch-screen measurement to determine the resistance between the two planes
within the panel sensor during a touch event (RTOUCH). See Figure 5 for configuration and measurement details.
Z2
Z2 Measurement: A resistive touch-screen measurement to determine the resistance between the two planes
within the panel sensor during a touch event (RTOUCH). See Figure 5 for configuration and measurement details.
AUX
Auxiliary Input: Analog input to the MAX11800–MAX11803 that can be used to monitor external conditions
such as battery voltage or temperature.
ADC
Analog-to-Digital Converter: Circuit used to transform analog information into a form suitable for digital operations.
AP
Application Processor: An external microcontroller or microprocessor that interfaces to and controls the
general operation of the MAX11800–MAX11803.
AVG
Averaging Mode: The ability to average consecutive measurement results to reduce noise from switch
bounce, power-supply ripple, and incomplete settling.
MAF
Median Averaging Filter: The MAF first removes the minimum and maximum samples before taking the
average of the remaining sample set.
SAF
Straight Averaging Filter: The SAF takes the average of an entire sample set.
TDM
Touch-Detect Mode: An untimed mode that monitors the panel for a touch using a user-selectable panel
pullup resistor of either 50k
or 100k .
DCM
Direct Conversion Mode: A mode of operation in which the AP requests individual panel setup and
conversion operations or automated combinations of measurements (X and Y, X and Y and Z1, or X and Y and
Z1 and Z2). The AP maintains control over the initiation of panel setup, measurements, and the sampling
f
ACM
Autonomous Conversion Mode: A mode of operation in which the MAX11800/MAX11801 idle in TDM until a
touch event occurs. After a touch is detected, the MAX11800/MAX11801 begin an automated sequence of
measurements determined by the user configuration registers.
PSU
Panel Setup Command: User-programmable modes for the purpose of allowing the panel sufficient time to
settle, prior to the start of measurements. PSU commands configure the on-chip multiplexer in preparation to
perform either X, Y, Z1, or Z2 measurements. Durations can either be specified and managed by the
MAX11800–MAX11803 (in ACM and DCM) or managed by the AP (in DCM).
PMC
Panel Measurement Command: Individual measurements of X or Y position and Z1 or Z2 pressure measurements.
CMC
Combined Measurement Command: Combinations of PMCs (X and Y, X and Y and Z1, or X and Y and Z1 and
Z2) offered by the MAX11800–MAX11803 and executed in series to reduce AP bus and interrupt activity.
Table 1. Terminology


Similar Part No. - MAX11800ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11800ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com