Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375C24H75BS2 Datasheet(PDF) 3 Page - Vicor Corporation

Part # V375C24H75BS2
Description  375V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C24H75BS2 Datasheet(HTML) 3 Page - Vicor Corporation

  V375C24H75BS2 Datasheet HTML 1Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 2Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 3Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 4Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 5Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 6Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 7Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 8Page - Vicor Corporation V375C24H75BS2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Micro Family
Rev. 8.4
Page 3 of 13
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
PRIMARY SIDE
(PC = Primary Control; PR = Parallel)
PC bias voltage
5.50
5.75
6.00
Vdc
PC current = 1.0 mA
current limit
1.5
2.1
3.0
mA
PC voltage = 5.5 V
PC module disable
2.3
2.6
2.9
Vdc
Must be able to sink ≥ 4 mA. See Fig. 1
PC module enable delay
4
7
ms
PC module alarm
0.5
Vavg
UV, OV, OT, module fault. See Figs. 2 and 4
PC resistance
0.9
1.0
1.1
See Fig. 2
PR emitter amplitude
5.7
5.9
6.1
Volts
PR load >30 Ω, < 30 pF
PR emitter current
150
mA
PR receiver impedance
375
500
625
Ω
25°C
PR receiver threshold
2.4
2.5
2.6
Volts
Minimum pulse width: 20 ns
PR drive capability
12
modules
Without PR buffer amplifier
SECONDARY SIDE
(SC = Secondary Control)
SC bandgap voltage
1.21
1.23
1.25
Vdc
Referenced to –Out
SC resistance
990
1000
1010
Ω
SC capacitance
0.033
µF
SC module alarm
0
Vdc
With open trim; referenced to –Out. See Fig. 6
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
in to out
3000
Vrms
Complies with reinforced insulation requirements
in to base
1500
Vrms
Complies with basic insulation requirements
out to base
500
Vrms
Complies with operational insulation requirements
Isolation resistance (in to out)
10
Weight
2.1
2.3
2.5
ounces
(58.7)
(65.2)
(71.7)
(grams)
Temperature limiting
100
115
°C
See Figs. 2 and 4
UL60950-1, CSA0950-1,
Agency approvals
cURus, TÜV, CE
EN60950-1, IEC60950-1.
With appropriate fuse in series with the +Input
MODULE CONTROL SPECIFICATIONS
MODULE GENERAL SPECIFICATIONS
Note:
Specifications are subject to change without notice.
MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.)


Similar Part No. - V375C24H75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C24H100B VICOR-V375C24H100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V375C24H150A VICOR-V375C24H150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C24H150A VICOR-V375C24H150A Datasheet
189Kb / 8P
   DC-DC Converter Module
V375C24H150B VICOR-V375C24H150B Datasheet
142Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375C24H300B VICOR-V375C24H300B Datasheet
145Kb / 8P
   375Vin / 24Vout / 300Watts DC-DC Converter Module
More results

Similar Description - V375C24H75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com