Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11080 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products MAX11080 Datasheet HTML 10Page - Maxim Integrated Products MAX11080 Datasheet HTML 11Page - Maxim Integrated Products MAX11080 Datasheet HTML 12Page - Maxim Integrated Products MAX11080 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
_______________________________________________________________________________________
9
MAX11080
VDDU
ALRMU
AGND
CD
HV
DCIN
C3DC
3.3nF
630V
GNDU
CHV
1
µF
6V
R2DC
20k
RDCIN
5k
CDCIN
0.1
µF
80V
CDLY
15nF TO 16.5
µF CERAMIC CAP
CDD
1
µF
6V
CP
0.01
µF
100V
GNDU
GNDU
GNDU
DPROT
5.6V
SMCJ70
FUSE
C12
R11
C10
CELL 10
MODULE+(N)
MODULE-(N)
MODULE-(N+1)
BUS BAR
BUS BAR
C11
C10
C9
R10
C9
CELL 9
C8
R9
C8
CELL 8
C7
R8
C7
CELL 7
C6
R7
C6
CELL 6
C5
R6
C5
CELL 5
C4
R5
C4
CELL 4
C3
R4
C3
CELL 3
C2
R3
C2
CELL 2
C1
R2
C1
CELL 1
C0
MODULE
N+1
CELL STACK
MODULE
N+1
GND REFERENCE
MODULE
N-1
CELL STACK
MODULE
N-1
GNDU TAKEOFF
LOCAL
GROUND
R1DC
150k
RSHD2
20k
RSHD
200k
SHDN
ALRML
GNDU
CP+
CP-
CA
1
µF
6V
VAA
ALRML
OVSEL3
OVSEL2
OVSEL1
OVSEL0
UVSEL2
UVSEL1
UVSEL0
TOPSEL
SHDN
DAISY-CHAIN BUS
TO UPPER MODULES
MODULE
N+1
ISOLATOR
AND
CONTROL
INTERFACE
VAA
JUMPER BANK
R2–R11 = 10k
C1–C10 = 0.1
µF/80V
Figure 3. Application Circuit Diagram for a 10-Cell System


Similar Part No. - MAX11080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080 Datasheet
423Kb / 29P
   12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080GUU/V++ MAXIM-MAX11080GUU/V+ Datasheet
423Kb / 29P
   12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
   12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
More results

Similar Description - MAX11080

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11080 MAXIM-MAX11080_V01 Datasheet
423Kb / 29P
   12-Channel, High-Voltage Battery-Pack Fault Monitors
2010
logo
Analog Devices
ADBMS6815 AD-ADBMS6815 Datasheet
120Kb / 2P
   12-Channel Multicell Battery Monitor
logo
Linear Technology
LTC6801 LINER-LTC6801 Datasheet
264Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
LTC6801 LINER-LTC6801_15 Datasheet
276Kb / 28P
   Independent Multicell Battery Stack Fault Monitor
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
   BATTERY VOLTAGE MONITOR
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
logo
Maxim Integrated Produc...
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
   PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Renesas Technology Corp
ISL94203 RENESAS-ISL94203 Datasheet
2Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Intersil Corporation
ISL94203 INTERSIL-ISL94203 Datasheet
1Mb / 64P
   3-to-8 Cell Li-ion Battery Pack Monitor
logo
Beckhoff Automation Gmb...
C9900-U332-0010 BECKHOFF-C9900-U332-0010 Datasheet
103Kb / 2P
   Battery pack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com