Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9925AUB+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9925AUB+
Description  Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9925AUB+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9925AUB+ Datasheet HTML 7Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 8Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 9Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 10Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 11Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 12Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 13Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 14Page - Maxim Integrated Products MAX9925AUB+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Variable Reluctance Sensor Interfaces with
Differential Input and Adaptive Peak Threshold
______________________________________________________________________________________
11
Functional Diagrams (continued)
MAX9927
VCC
IN1-
VCC
IN1+
BIAS1
OP AMP
COMPARATOR
30%
BUFFER
VMIN
THRESHOLD
85ms
WATCHDOG
PEAK
DETECTOR
COUT1
EXT1
GND
OUT1
VCC
VCC
IN2-
VCC
IN2+
BIAS2
OP AMP
COMPARATOR
30%
BUFFER
VMIN
THRESHOLD
85ms
WATCHDOG
PEAK
DETECTOR
COUT2
OUT1
EXT2
MODE
LOGIC
INT_THRS2
INT_THRS1


Similar Part No. - MAX9925AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9925AUB++ MAXIM-MAX9925AUB+ Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9925AUB++ MAXIM-MAX9925AUB+ Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
MAX9925AUB++ MAXIM-MAX9925AUB+ Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
More results

Similar Description - MAX9925AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924_12 Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
Texas Instruments
LM1815 TI-LM1815_15 Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
LM1815MX TI1-LM1815MX Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com