Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375A12T400BS2 Datasheet(PDF) 8 Page - Vicor Corporation

Part # V375A12T400BS2
Description  375V Input Maxi Family DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375A12T400BS2 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button V375A12T400BS2 Datasheet HTML 4Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 5Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 6Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 7Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 8Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 9Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 10Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 11Page - Vicor Corporation V375A12T400BS2 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Maxi Family
Rev. 8.6
Page 8 of 15
Set your site on VICOR at vicorpower.com
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87.6
88.6
%
Nominal input; full load; 25°C
Ripple and noise
150
188
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
12.4
13.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
11.11
Amps
Current limit
11.3
12.8
15
Amps
Output voltage 95% of nominal
Short circuit current
7.77
12.8
15
Amps
Output voltage <250 mV
36 Vout, 400 W (e.g. V375A36C400BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
87
88.5
%
Nominal input; full load; 25°C
Ripple and noise
80
100
mV
p-p; Nominal input; full load; 20 MHz bandwith
Output OVP setpoint
53.2
55.2
57.2
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
6
8
Watts
No load
Load regulation
±0.02
±0.25
%
No load to full load; nominal input
Load current
0
12.5
Amps
Current limit
12.7
14.4
16.3
Amps
Output voltage 95% of nominal
Short circuit current
8
14.4
16.3
Amps
Output voltage <250 mV
48 Vout, 600 W (e.g. V375A48C600BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
85.8
88
%
Nominal input; full load; 25°C
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (1 minute off)
Dissipation, standby
14.5
16
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
13.89
Amps
Current limit
14.5
16
18
Amps
Output voltage 95% of nominal
Short circuit current
8.5
16
18
Amps
Output voltage <250 mV
36 Vout, 500 W (e.g. V375A36C500BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
86.8
88.6
%
Nominal input; full load; 25°C
Ripple and noise
216
270
mV
p-p; Nominal input; full load; 20MHz bandwith
Output OVP setpoint
40.4
41.9
43.4
Volts
25°C; recycle input voltage to restart (>100 ms off)
Dissipation, standby
12.6
14.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
16.67
Amps
Current limit
17
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage <250 mV
36 Vout, 600 W (e.g. V375A36C600BL)


Similar Part No. - V375A12T400BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12T150A VICOR-V375A12T150A Datasheet
175Kb / 8P
   375Vin / 24Vout / 150Watts DC-DC Converter Module
V375A12T150A VICOR-V375A12T150A Datasheet
172Kb / 8P
   375Vin / 5Vout / 100Watts DC-DC Converter Module
V375A12T150A VICOR-V375A12T150A Datasheet
180Kb / 8P
   375Vin / 2Vout / 50Watts DC-DC Converter Module
V375A12T150B VICOR-V375A12T150B Datasheet
142Kb / 8P
   375Vin / 12Vout / 150Watts DC-DC Converter Module
V375A12T200A VICOR-V375A12T200A Datasheet
183Kb / 8P
   375Vin / 5Vout / 200Watts DC-DC Converter Module
More results

Similar Description - V375A12T400BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48A12T500BL2 VICOR-V48A12T500BL2 Datasheet
590Kb / 11P
   48V Input Maxi Family DC-DC Converter Module
V150A24C500BL VICOR-V150A24C500BL Datasheet
596Kb / 13P
   150V Input Maxi Family DC-DC Converter Module
V24A5E200BL2 VICOR-V24A5E200BL2 Datasheet
591Kb / 13P
   24V Input Maxi Family DC-DC Converter Module
V72A24C400BL VICOR-V72A24C400BL Datasheet
586Kb / 11P
   72V Input Maxi Family DC-DC Converter Module
V28A12T200BL2 VICOR-V28A12T200BL2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V110A24C400BL VICOR-V110A24C400BL Datasheet
590Kb / 13P
   110V Input Maxi Family DC-DC Converter Module Features
V24A24M400BG VICOR-V24A24M400BG Datasheet
784Kb / 13P
   Maxi Family 24 V Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com