Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V375C15C75BS2 Datasheet(PDF) 11 Page - Vicor Corporation

Part # V375C15C75BS2
Description  375V Input Micro Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V375C15C75BS2 Datasheet(HTML) 11 Page - Vicor Corporation

Back Button V375C15C75BS2 Datasheet HTML 5Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 6Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 7Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 8Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 9Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 10Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 11Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 12Page - Vicor Corporation V375C15C75BS2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
375V Micro Family
Rev. 8.4
Page 11 of 13
Set your site on VICOR at vicorpower.com
R1
R2
U1
R3
2.55 k
R4
R5
1.00 k
U2
TLV431
C1
R7 21.0 k
C2
0.22 µF
R8
4.02 k
C3
R9
R10
1.24 k
U3
LM10
+S
–S
+Out
SC
–Out
R Load
PS2701
R11
36.5 k
R6
1.65 k 470 pF
200 mV
Vcc
Gnd
See Component Selection section below.
+OUT
SC
–OUT
L
O
A
D
Plane
Ground
Plane
Module #1
Designated
Master
Module #2
trimmed
down 2 %
Module #3
trimmed
down 4 %
+OUT
SC
–OUT
+OUT
SC
–OUT
• The +Out and –Out power
buses should be designed
to minimize and balance
parasitic impedance from
each module output to
the load.
• At the discretion of the
power system designer,
a subset of all modules
within an array may be
configured as slaves by
shorting SC to –Out.
• Do not use output ORʼing
diodes with MicroMods.
• This module is designed for point of load regulation, where remote sensing
is not required. Active voltage drop compensator, as shown here, may be
used in applications with significant distribution losses. Contact applications
engineering for specific values.
Please consult with the Micro Family Isolated Remote Sense Application Note
for additional information.
Figure 12 — Voltage drop compensation.
Figure 11 — N+1 module array output connections.
Designator
Description
Notes
(None)
Short Tin/Lead
Requires in-board, mounting
L
Long Tin/Lead
On-board mounting for 0.065" boards
S
Short ModuMate
SurfMate or in-board socket mounting
N
Long ModuMate
On-board socket mounting
F
Short RoHS
Select for RoHS compliant in-board solder, socket, or SurfMate mounting
G
Long RoHS
Select for RoHS compliant on-board solder or socket mounting
* Pin style designator follows the “B” after the output power and precedes the baseplate designator.
Ex. V375C12T150BN2 — Long ModuMate Pins
CONTROL FUNCTIONS - PR PIN (CONT.)
PIN STYLES*


Similar Part No. - V375C15C75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375C15C100A VICOR-V375C15C100A Datasheet
180Kb / 8P
   24Vin / 48Vout / 100Watts DC-DC Converter Module
V375C15C100A VICOR-V375C15C100A Datasheet
180Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
V375C15C100B VICOR-V375C15C100B Datasheet
142Kb / 8P
   24Vin / 5Vout / 100Watts DC-DC Converter Module
V375C15C100B VICOR-V375C15C100B Datasheet
173Kb / 8P
   24Vin / 15Vout / 100Watts DC-DC Converter Module
V375C15C100B VICOR-V375C15C100B Datasheet
173Kb / 8P
   24Vin / 24Vout / 100Watts DC-DC Converter Module
More results

Similar Description - V375C15C75BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V375A12T600BL2 VICOR-V375A12T600BL2 Datasheet
596Kb / 15P
   375V Input Maxi Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
V28C12T100BL2 VICOR-V28C12T100BL2 Datasheet
491Kb / 11P
   28V Wide Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com