Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V300B28C150BS2 Datasheet(PDF) 10 Page - Vicor Corporation

Part # V300B28C150BS2
Description  300V Input Mini Family DC-DC Converter Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V300B28C150BS2 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button V300B28C150BS2 Datasheet HTML 5Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 6Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 7Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 8Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 9Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 10Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 11Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 12Page - Vicor Corporation V300B28C150BS2 Datasheet HTML 13Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
300V Mini Family
Rev. 8.5
Page 10 of 13
Set your site on VICOR at vicorpower.com
Figure 9 — DC coupled single-wire interface.
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Module 2
(up to 12)
Module
1
Ground plane
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
+Out
+S
SC
–S
–Out
+In
PC
PR
–In
Figure 10 — AC coupled single-wire interface.
0.001μF
0.001μF
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy and phased array capability. Modules of
the same input voltage, output voltage, and power level will
current share if all PR pins are suitably interfaced.
Compatible interface architectures include the following:
DC coupled single-wire interface. All PR pins are directly
connected to one another. This interface supports current
sharing but is not fault tolerant. Negative In pins must be tied
to the same electric potential. Up to three converters may be
paralleled by this method. See Figure 9.
AC coupled single-wire interface. All PR pins are connected
to a single communication bus through 0.001 μF (500 V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. Up to three
converters may be paralleled by this method. See Figure 10.
Transformer coupled interface. For paralleling four or more
converters a transformer coupled interface is required. For
details on this configuration please refer to the design guide
referenced in the following technical information section.
Technical Information
For additional technical information contained in the Design
Guide and Applications Manual for Maxi, Mini, Micro Family
DC-DC Converters and Accessory Modules, click on the link
below:
http://www.vicorpower.com/mmmguide
CONTROL FUNCTIONS - PR PIN


Similar Part No. - V300B28C150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300B28C150B VICOR-V300B28C150B Datasheet
145Kb / 8P
   300Vin / 28Vout / 150Watts 300Vin / 28Vout / 150Watts
V300B28C150BL VICOR-V300B28C150BL Datasheet
818Kb / 13P
   Off-line systems with auto-ranging or PFC front ends, industrial and process control,
More results

Similar Description - V300B28C150BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V300A12T500BL2 VICOR-V300A12T500BL2 Datasheet
592Kb / 13P
   300V Input Maxi Family DC-DC Converter Module
V48B12T250BL2 VICOR-V48B12T250BL2 Datasheet
583Kb / 11P
   48V Input Mini Family DC-DC Converter Module
V72B24C250BL VICOR-V72B24C250BL Datasheet
598Kb / 11P
   72V Input Mini Family DC-DC Converter Module
V150B24C250BL VICOR-V150B24C250BL Datasheet
600Kb / 13P
   150V Input Mini Family DC-DC Converter Module
V110B24C200BL VICOR-V110B24C200BL Datasheet
600Kb / 13P
   110V Input Mini Family DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2 Datasheet
575Kb / 13P
   24V Input Mini Family DC-DC Converter Module
V375B12T300BL2 VICOR-V375B12T300BL2 Datasheet
588Kb / 13P
   375V Input Mini Family DC-DC Converter Module
V48B15C250A VICOR-V48B15C250A Datasheet
329Kb / 8P
   48V Input Mini Family DC-DC Converter Module
V28B28C150BL VICOR-V28B28C150BL Datasheet
769Kb / 11P
   Mini Family 28V Wide Input DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com