Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK11332BMIB Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK11332BMIB
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11332BMIB Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK11332BMIB Datasheet HTML 5Page - TOKO, Inc TK11332BMIB Datasheet HTML 6Page - TOKO, Inc TK11332BMIB Datasheet HTML 7Page - TOKO, Inc TK11332BMIB Datasheet HTML 8Page - TOKO, Inc TK11332BMIB Datasheet HTML 9Page - TOKO, Inc TK11332BMIB Datasheet HTML 10Page - TOKO, Inc TK11332BMIB Datasheet HTML 11Page - TOKO, Inc TK11332BMIB Datasheet HTML 12Page - TOKO, Inc TK11332BMIB Datasheet HTML 13Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TK113xxBM/U
April 2000 TOKO, Inc.
Page 9
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
OUTPUT VOLTAGE (V
OUT)
The output voltage is specified with V
IN = (VOUT(TYP) + 1 V)
and I
OUT = 30 mA.
DROPOUT VOLTAGE (V
DROP)
The dropout voltage is the difference between the input
voltage and the output voltage at which point the regulator
starts to fall out of regulation. Below this value, the output
voltage will fall as the input voltage is reduced. It is
dependent upon the load current and the junction
temperature.
OUTPUT CURRENT (I
OUT(MAX))
This is the maximum continuous output current as specified
under the condition where the output voltage drops 0.3 V
below the value specified with I
OUT = 30 mA.
The input
voltage is set to V
OUT +1 V, and the current is pulsed to
minimize temperature effect.
CONTINUOUS OUTPUT CURRENT (I
OUT)
Normal operating output current. This is limited by package
power dissipation.
PULSE OUTPUT CURRENT (I
OUT(PULSE))
Max pulse width 5 ms, Duty cycle 12.5%: pulse load only.
LINE REGULATION (Line Reg)
Line regulation is the ability of the regulator to maintain a
constant output voltage as the input voltage changes. The
line regulation is specified as the input voltage is changed
from V
IN = VOUT(TYP) + 1 V to VIN = VOUT(TYP) + 6 V.
LOAD REGULATION (Load Reg)
Load regulation is the ability of the regulator to maintain a
constant output voltage as the load current changes. It is
a pulsed measurement to minimize temperature effects
with the input voltage set to V
IN = VOUT +1 V.
The load
regulation is specified under two output current step
conditions of 1 mA to 60 mA and 1 mA to 100 mA.
QUIESCENT CURRENT (I
Q)
The quiescent current is the current which flows through
the ground terminal under no load conditions (I
OUT = 0 mA).
GROUND CURRENT (I
GND)
Ground current is the current which flows through the
ground pin(s). It is defined as I
IN - IOUT, excluding control
current.
RIPPLE REJECTION RATIO (RR)
Ripple rejection is the ability of the regulator to attenuate
the ripple content of the input voltage at the output. It is
specified with 100 mVrms, 400 Hz superimposed on the
input voltage, where V
IN = VOUT + 1.5 V.
The output
decoupling capacitor is set to 10
µF, the noise bypass
capacitor is set to 0.1
µF, and the load current is set to 30
mA. Ripple rejection is the ratio of the ripple content of the
output vs. the input and is expressed in dB.
STANDBY CURRENT (I
STBY)
Standby current is the current which flows into the regulator
when the output is turned off by the control function
(V
CONT = VIN). It is measured with VIN = 8 V (9 V for the
8 V output device).
SENSOR CIRCUITS
Overcurrent Sensor
The overcurrent sensor protects the device in the event
that the output is shorted to ground.
Thermal Sensor
The thermal sensor protects the device in the event that
the junction temperature exceeds the safe value (T
j = 150
°C). This temperature rise can be caused by external heat,
excessive power dissipation caused by large input to
output voltage drops, or excessive output current. The
regulator will shut off when the temperature exceeds the
safe value. As the junction temperatures decrease, the
regulator will begin to operate again. Under sustained fault
conditions, the regulator output will oscillate as the device
turns off then resets. Damage may occur to the device
under extreme fault conditions.


Similar Part No. - TK11332BMIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11332BMCB TOKO-TK11332BMCB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11332BMCL TOKO-TK11332BMCL Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11332BMIB

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com