Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9923 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9923
Description  Ultra-Precision, High-Side Current-Sense Amplifiers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9923 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9923 Datasheet HTML 3Page - Maxim Integrated Products MAX9923 Datasheet HTML 4Page - Maxim Integrated Products MAX9923 Datasheet HTML 5Page - Maxim Integrated Products MAX9923 Datasheet HTML 6Page - Maxim Integrated Products MAX9923 Datasheet HTML 7Page - Maxim Integrated Products MAX9923 Datasheet HTML 8Page - Maxim Integrated Products MAX9923 Datasheet HTML 9Page - Maxim Integrated Products MAX9923 Datasheet HTML 10Page - Maxim Integrated Products MAX9923 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Ultra-Precision, High-Side
Current-Sense Amplifiers
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(VDD = 3.3V, VSHDN = VDD, VRSB = VRS+ = VRS- = 12V, TA = +25°C, unless otherwise noted.)
RSB CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.1
0.2
0.3
0.4
0
-40
85
VRSB = 12V
VRSB = 28V
VRSB = 1.9V
0
10
5
20
15
25
30
-40
10
-15
35
60
85
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 3.3V
VDD = 5.5V
VDD = 2.85V
MAX9922
GAIN vs. FREQUENCY
FREQUENCY (Hz)
100E+3
10E+3
1E+3
100E+0
10E+0
1E+0
100E-3
20
40
60
80
100
120
140
0
10E-3
1E+6
GAIN = OPEN LOOP
GAIN = 1000
INPUT CMRR
vs. FREQUENCY
FREQUENCY (Hz)
10E+3
1E+3
100E+0
10E+0
-120
-130
-110
-100
-90
-80
-70
-60
-140
1E+0
100E+3
PSRR
vs. FREQUENCY
FREQUENCY (Hz)
10E+3
1E+3
100E+0
10E+0
-130
-120
-110
-100
-90
-80
-70
-60
-140
1E+0
100E+3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-40
-15
10
35
60
85
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 5.5V
VDD = 2.85V
VDD = 3.3V


Similar Part No. - MAX9923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9923 MAXIM-MAX9923 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
MAX9923 MAXIM-MAX9923 Datasheet
132Kb / 7P
   Fully Assembled and Tested
Rev 0; 3/09
MAX9923FEUB++ MAXIM-MAX9923FEUB+ Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
MAX9923HEUB++ MAXIM-MAX9923HEUB+ Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
MAX9923TEUB++ MAXIM-MAX9923TEUB+ Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
More results

Similar Description - MAX9923

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
   Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
   Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com