Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE-B34-EU-BM Datasheet(PDF) 2 Page - Vicor Corporation

Part # VE-B34-EU-BM
Description  Battery Charger Current Source Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VE-B34-EU-BM Datasheet(HTML) 2 Page - Vicor Corporation

  VE-B34-EU-BM Datasheet HTML 1Page - Vicor Corporation VE-B34-EU-BM Datasheet HTML 2Page - Vicor Corporation VE-B34-EU-BM Datasheet HTML 3Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
BatMod Battery Charger Current Source Modules
Rev. 1.5
Page 2 of 3
Set your site on VICOR at www.vicorpower.com
2
4
6
8
10
12
14
16
2
4
6
8 10 12 14 16
Safe Operating Area
High Program
Exceeded
Amps
4
8
12
16
20
24
28
32
1
2
3
4
56
7
8
Safe Operating Area
High Program
Exceeded
Amps
8
16
24
32
40
48
56
64
0.5 1
1.5 2 2.5 3 3.5
4
Safe Operating Area
High Program
Exceeded
Current
Exceeded
Amps
36
72
18
12 V Battery System
24 V Battery System
48 V Battery System
13.8 V
27.6 V
55.2 V
Power
Exceeded
Power
Exceeded
Power
Exceeded
16.5 V
14.5 A
33.0 V
7.25 A
3.6 A
66.0 V
11.25 V
22.5 V
45.0 V
6.9 V*
13.8 V*
27.6 V*
*Maximum recommended battery discharge.
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Current
Exceeded
Maximum
Voltage
Setpoint
Minimum
Voltage
Setpoint
Minimum
Operating
Voltage
Safe Operating Conditions
+.030 (0,76)
-.000 (0)
Product ID
this surface
FULL R
5
6
7
8
9
4
3
2
1
Pin #
1
2
3
4
5
6*
7*
8*
9
Function
+In
Gate In
Gate Out
-In
+Out
VTRIM
ITRIM
IMON
-Out
* Do not connect on booster modules
Aluminum Base
.01
0.040 (1,0) Dia (7) places
Solder plate over copper alloy
0.080 (2,0) Dia (2) places
Standard
Solder plate over copper alloy
.30±.015
(7,6)±(0,38)
1.80
(45,7)
4.20
(12,7)
.22
(5,6) MIN
.12
(116,8)
(61,0)
(44,5)
(7,6) Min
.15
(3,8)
2.10
(53,3)
.40
(10,2)
.35±.015
(8,9)±(0,38)
1.40
(35,6)
1.00
(25,4)
.70
(17,8)
(91,4)
.50
(12,7)
BatMod
4.60
3.60
.15
(3,8)
(106,7)
(3,0)
.50
.30
2.40
1.75
0.080 (2,0) Dia (2) places
RoHS
Matte tin over copper alloy
Standard
0.040 (1,0) Dia (7) places
Matte tin over copper alloy
RoHS
MECHANICAL DIAGRAM
BatMod
DC Input
GATE
IN
GATE
OUT
+Out
–Out
+IN
–In
External
Control
Functions
+
12 – 48 V
Battery
TRIM
V
TRIM
I
MON
I
DC Input
BatMod
GATE
IN
GATE
OUT
+OUT
–OUT
+IN
–IN
External
Control
Functions
+
Load
TRIM
V
TRIM
I
MON
I
Figure 2 — DC Input Programmable Current Source
Typical Applications
Figure 1 — DC Input Battery Charger


Similar Part No. - VE-B34-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VE-B3X-CW VICOR-VE-B3X-CW Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B3X-CX VICOR-VE-B3X-CX Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B3X-CY VICOR-VE-B3X-CY Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B3X-EW VICOR-VE-B3X-EW Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VE-B3X-EX VICOR-VE-B3X-EX Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
More results

Similar Description - VE-B34-EU-BM

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-261-EU-BM VICOR-VI-261-EU-BM Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
84Kb / 2P
   Battery Charger Current Source Modules
BATMOD VICOR-BATMOD Datasheet
247Kb / 3P
   BatMod Battery Charger Current Source Modules
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Microsemi Corporation
LX2205 MICROSEMI-LX2205 Datasheet
320Kb / 14P
   1A Li-Ion Battery Charger with Power Source Management
logo
Shanghai Consonance Ele...
CN3059 CONSONANCE-CN3059 Datasheet
205Kb / 12P
   Battery Charger
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com