Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I048C480T030P1 Datasheet(PDF) 4 Page - Vicor Corporation

Part # I048C480T030P1
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

I048C480T030P1 Datasheet(HTML) 4 Page - Vicor Corporation

  I048C480T030P1 Datasheet HTML 1Page - Vicor Corporation I048C480T030P1 Datasheet HTML 2Page - Vicor Corporation I048C480T030P1 Datasheet HTML 3Page - Vicor Corporation I048C480T030P1 Datasheet HTML 4Page - Vicor Corporation I048C480T030P1 Datasheet HTML 5Page - Vicor Corporation I048C480T030P1 Datasheet HTML 6Page - Vicor Corporation I048C480T030P1 Datasheet HTML 7Page - Vicor Corporation I048C480T030P1 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 4 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Safety Specification
Thremal Specifications
General Specifications
Control Specifications – Primary Control (PC Pin)
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Notes
Isolation voltage
Complies with basic insulation requirements
Input to output
2,250
Vdc
In/Out to chassis
1,500
Vdc
Isolation resistance
10
MΩ
Input to output
Agency approvals (pending)
cTÜVus
UL/CSA 60950, EN 60950
CE Mark
Low voltage directive
Parameter
Min
Typ
Max
Unit
Notes
Operating junction temperature
-40
+125
°C
Storage temperature
-40
+150
°C
Temperature limiting
125
130
135
°C
Junction temperature
Thermal capacity
1 BCM
14.3
Ws/°C
2 BCM
22.8
Ws/°C
Pin soldering temperature
Wave
500 (260)
°F (°C)
<5 sec
Hand
750 (390)
°F (°C)
<7 sec
Parameter
Min
Typ
Max
Unit
Notes
MTBF
MIL-HDBK-217F
3,600
Khrs
25°C, GB; per BCM
Telcordia TR-NT-000332
4,200
Khrs
per BCM
Weight
3.7 (104)
oz (g)
Dimensions
2.3 x 1.45 x 0.47
in
L x W x H
58,4 x 36,8 x 11,9
mm
L x W x H
Parameter
Min
Typ
Max
Unit
Notes
Voltage (P version)
4.8
5.0
5.2
Vdc
Disable voltage (P version)
2.4
2.5
Vdc
Enable voltage (P version)
2.5
2.6
Vdc
Enable voltage (M version)
1.2
1.5
Vdc
Disable voltage (M version)
1.5
3.5
Vdc
Current limit (P version)
2.4
2.5
2.9
mA
Source only


Similar Part No. - I048C480T030P1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C480T030P1 VICOR-I048C480T030P1 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
More results

Similar Description - I048C480T030P1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
I048C030T015P2 VICOR-I048C030T015P2 Datasheet
312Kb / 8P
   Intermediate Bus Converters Quarter-Brick, 48 Vin Family
D048C010T010M2N VICOR-D048C010T010M2N Datasheet
439Kb / 14P
   DC-DC Converters Quarter Brick, 48 Vin Family
logo
Murata Manufacturing Co...
RBC-12 MURATA-RBC-12 Datasheet
396Kb / 9P
   Quarter Brick, Regulated Bus Converters
logo
Murata Power Solutions ...
RBC-12-D48 MURATA-PS-RBC-12-D48 Datasheet
353Kb / 10P
   Quarter Brick, Regulated Bus Converters
logo
DATEL, Inc.
QB300S48-3.2 DATEL-QB300S48-3.2 Datasheet
141Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
QB45S48-3.2 DATEL-QB45S48-3.2 Datasheet
142Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
QBR87S48-1.05 DATEL-QBR87S48-1.05 Datasheet
141Kb / 1P
   Quarter-Brick, 50-Watt, 48 Volts Output
QB22S48-3.2 DATEL-QB22S48-3.2 Datasheet
142Kb / 1P
   Quarter-Brick, 150-Watt, 48 Volts Output
logo
Bel Fuse Inc.
MBC1200 BEL-MBC1200 Datasheet
1Mb / 14P
   Single 24 VDC / 48 VDC output voltages available
logo
Wall Industries,Inc.
MPQ24S48-50 WALL-MPQ24S48-50 Datasheet
809Kb / 11P
   50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com