Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI2121 Datasheet(PDF) 6 Page - Vicor Corporation

Part # PI2121
Description  8 Volt, 24 Amp Full-Function Active ORing Solution
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI2121 Datasheet(HTML) 6 Page - Vicor Corporation

Back Button PI2121 Datasheet HTML 2Page - Vicor Corporation PI2121 Datasheet HTML 3Page - Vicor Corporation PI2121 Datasheet HTML 4Page - Vicor Corporation PI2121 Datasheet HTML 5Page - Vicor Corporation PI2121 Datasheet HTML 6Page - Vicor Corporation PI2121 Datasheet HTML 7Page - Vicor Corporation PI2121 Datasheet HTML 8Page - Vicor Corporation PI2121 Datasheet HTML 9Page - Vicor Corporation PI2121 Datasheet HTML 10Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Picor Corporation • picorpower.com
PI2121
Rev. 1.0
Page 6 of 21
Functional Description:
The PI2121 integrated Cool-ORing product takes
advantage of two different technologies combining a
1.5m
Ω on-state resistance (Rds(on)) single N-
channel MOSFET with high density control circuitry.
This
combination
provides
superior
density,
minimizing PCB space to achieve an ideal ORing
diode
function,
significantly
reducing
power
dissipation and eliminating the need for heat sinking,
while minimizing design complexity.
The PI2121’s 1.5m
Ω on-state resistance MOSFET
used in the conduction path enables a dramatic
reduction
in
power
dissipation
versus
the
performance of a diode used in conventional ORing
applications due to its high forward voltage drop.
This can allow for the elimination of complex heat
sinking
and
other
thermal
management
requirements. Due to the inherent characteristics of
the integrated MOSFET, while the gate remains
enhanced above the gate threshold voltage it will
allow current to flow in the forward and reverse
direction. Ideal ORing applications do not allow for
reverse current flow, so the integrated controller has
to be capable of very fast and accurate detection of
reverse current caused by input power source
failures, and turn off the gate of the MOSFET as
quickly as possible. Once the gate voltage falls
below the gate threshold, the MOSFET is off and the
body diode will be reverse biased preventing reverse
current flow and subsequent excessive voltage
droop on the redundant bus. During forward over-
current conditions caused by load faults, the
controller maintains gate drive to the MOSFET to
keep power dissipation as low as possible,
otherwise the inherent body diode of the MOSFET
would conduct, which has higher effective forward
drop. Conventional ORing solutions using diodes
offer no protection against forward over-current
conditions.
During
the
forward
over-current
condition, the PI2121 will provide an active-low fault
flag to the system via the fault pin. The fault flag is
also issued during the reverse current condition,
light load conditions, VC under-voltage, Input Under-
Voltage and Over-Voltage and Over-Temperature
conditions.
Differential Amplifier:
The PI2121 integrates a high-speed, low offset
voltage differential amplifier to sense the difference
between the Sense Positive (SP) pin voltage and
Sense Negative (SN) pin voltage with high accuracy.
The amplifier output is connected to three
comparators:
Reverse
comparator,
Forward
comparator, and Forward over-current comparator.
Reverse Comparator: RVS
The reverse comparator is the most critical
comparator. It looks for negative voltage caused by
reverse current. When the SN pin is 6mV higher
than the SP pin, the reverse comparator will enable
the BK current source to charge an internal 2pF
capacitor. The blanking timer provides noise filtering
for typical switching power conversion that might
cause premature reverse current detection. Once
the voltage across the capacitor reaches the timer
threshold voltage (1.25V) the MOSFET will be
turned off. The shortest blanking time is 50ns when
BK is connected to ground. The Blanking time will
be added to the controller delay time. The Electrical
Specifications in the DIFFERENTIAL AMPLIFIER
AND COMPARATOR section for Reverse Fault to
Slave Low Delay Time “tRVS-MS or tRVS-SL” is the
controller delay time plus the blanking time.
Reverse Blanking Timer: BK
Connecting an external resistor (
) between the
BK pin and ground will increase the blanking time as
shown in the following chart.
BK
R
Where:
Ω
K
R
BK
200
If BK is connected to VC for slave mode operation,
then the blanking time will be about 320ns typically,
and total delay time will be 430ns.
The reverse comparator has 3mV of hysteresis
referenced to SP-SN.
If the conditions are met for a reverse current fault,
then the active-low fault flag output will also indicate
a fault to the system after the 40µs fault delay time.


Similar Part No. - PI2121

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
   PI2121-EVAL1 Full-Function Active ORing
More results

Similar Description - PI2121

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI2127 VICOR-PI2127 Datasheet
1Mb / 19P
   60 Volt, 12 Amp Full-Function Active ORing Solution
PI2126 VICOR-PI2126 Datasheet
1Mb / 15P
   30 Volt, 12 Amp Full-Function Active ORing Solution
PI2125 VICOR-PI2125 Datasheet
1Mb / 20P
   30 Volt, 12 Amp Full-Function Active ORing Solution
PI2123 VICOR-PI2123 Datasheet
1Mb / 20P
   15 Volt, 15 Amp Full-Function Active ORing Solution
PI2121-EVAL1 VICOR-PI2121-EVAL1 Datasheet
823Kb / 12P
   PI2121-EVAL1 Full-Function Active ORing
PI2126-EVAL1 VICOR-PI2126-EVAL1 Datasheet
916Kb / 8P
   PI2126-EVAL1 30V/12A Full-Function High Side Active ORing
PI2127-EVAL1 VICOR-PI2127-EVAL1 Datasheet
1Mb / 9P
   PI2127-EVAL1 60V/12A Full-Function High Side Active ORing
PI2122 VICOR-PI2122 Datasheet
964Kb / 19P
   12Amp Active ORing Solution With Load Disconnect
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
List of Unclassifed Man...
FCPS-24S6 ETC2-FCPS-24S6 Datasheet
395Kb / 3P
   6-Amp and 8-Amp 24-Volt Remote Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com