Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


I048C030T030P2 Datasheet(PDF) 7 Page - Vicor Corporation

Part No. I048C030T030P2
Description  Intermediate Bus Converters Quarter-Brick, 48 Vin Family 1.5 to 48 Vdc Bus Voltages; 100 A - 600 W Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VICOR [Vicor Corporation]
Homepage  http://www.vicorpower.com
Logo 

   
 7 page
background image
vicorpower.com
800-735-6200
V•I Chip Intermediate Bus Converter
Rev. 1.5
Page 7 of 8
V•I Chip Intermediate Bus Converter
PRELIMINARY
Pin/Control Functions
TWO OUTSIDE PINS ONLY PRESENT FOR
OUTPUT CURRENTS OVER 50 A
(PACKAGE 2)
NOTES:
mm
1. DIMENSIONS ARE: inch
2. UNLESS OTHERWISE SPECIFIED, TOLERANCES ARE:
.X/[.XX]=
±0.5/[0.02],
.XX/[.XXX]=
±0.25/[0.010].
SECOND BCM FOR DUAL MODELS
9.2
0.36
SEATING PLANE
4.4
0.18
27.94
1.100
21.59
0.850
13.97
0.550
6.35
0.250
50.8
2.00
3.6
0.14
BOTTOM VIEW
57.9
2.28
36.8
1.45
ON/OFF
(-)IN
(+)IN
(-)OUT
(+)OUT
TOP VIEW (COMPONENT SIDE)
1.02
0.040
(3) PL.
13.1
0.51
ø
1.52
0.060
(4) PL.
ø
Package Configurations
Package Style
Description
1
Single output pins
2
Dual output pins
Input Fusing
V•I Chips are not internally fused in order to provide flexibility
in power system configuration. However, input line fusing of
V•I Chips must always be incorporated within the power system.
The input line fuse should be placed in series with +IN.
Bus Converter
Little Fuse
San–O
Little Fuse
Model No.
Nano 451/453
SV 12/14
3AB
Series
5/20 Series
Series
I048C015T014P1
6.3 A
I048C030T015P1
6.3 A
I048C030T021P2
8 A
I048C030T030P2
12 A
I048C040T020P1
8 A
I048C040T040P2
15 A
I048C060T024P1
12 A
I048C060T048P2
25 A
I048C080T024P1
12 A
I048C080T048P2
25 A
I048C096T024P1
10 A
I048C096T048P1
20A
I048C120T030P1
12 A
I048C120T060P1
25 A
I048C160T024P1
12 A
I048C160T048P1
25 A
I048C240T024P1
12 A
I048C240T048P1
25 A
I048C480T030P1
12 A
I048C480T060P1
25 A
Input Fuse Value




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl