Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M-FIAM5BM21 Datasheet(PDF) 4 Page - Vicor Corporation

Part # M-FIAM5BM21
Description  Military COTS 28 Vin Filter Input Attenuator Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

M-FIAM5BM21 Datasheet(HTML) 4 Page - Vicor Corporation

  M-FIAM5BM21 Datasheet HTML 1Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 2Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 3Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 4Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 5Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 6Page - Vicor Corporation M-FIAM5BM21 Datasheet HTML 7Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Set your site on VICOR at vicorpower.com
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
M-FIAM5B
Rev. 3.7
Page 4 of 7
Figure 3 — Transient Immunity: M-FIAM5B output response
to an input transient.
Figure 4— Inrush Limiting: Inrush current with 1000 μF
external capacitance, (C1 in Figure 5)
Figure 2 — Conducted Noise; M-FIAM5B and Model
V24A12M400B DC-DC converter operating at 28 Vdc, 400 W.
Figure 1 — Shut Down Time of M-FIAM5B vs. Overvoltage
INPUT VOLTAGE
50 V
OUTPUT
VOLTAGE
INPUT CURRENT
Note: The M-FIAM
5 is shown in the on state. To disable,
open the connection between ON/OFF and –Out.
+S
+OUT
SC
–S
–OUT
–IN
PR
PC
+IN
–IN
EMI
GND
NC
+IN
+OUT
NC
NC
ON
OFF
–OUT
M-FIAM5B
Maxi, Mini, Micro
24 Vdc Input
DC-DC Converter
MOV P/N
30234-068
0.2
µF
Input
C1
4700 pF
4700 pF
0.01
µF
0.01
µF
Component Suggestions
Recommended Fuse: (F1) 20 A (max), Bussmann ABC style
Capacitance: (C1) 330
µF (min), 1000 µF (max)
F1
Figure 5— Basic connection diagram with Transient, Surge Protection and Recommended Reverse Polarity Protection.


Similar Part No. - M-FIAM5BM21

ManufacturerPart #DatasheetDescription
logo
Powerbox
M-FIAM5BM21 POWERBOX-M-FIAM5BM21 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
More results

Similar Description - M-FIAM5BM21

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
M-FIAM7M21 VICOR-M-FIAM7M21 Datasheet
492Kb / 6P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM9M21 VICOR-M-FIAM9M21 Datasheet
577Kb / 7P
   Military COTS 28 Vin Filter Input Attenuator Module
M-FIAM3M21 VICOR-M-FIAM3M21 Datasheet
316Kb / 6P
   Military COTS 270 Vin Filter Input Attenuator Module
logo
Powerbox
M-FIAM3 POWERBOX-M-FIAM3 Datasheet
552Kb / 1P
   MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
M-FIAM3 VICOR-M-FIAM3 Datasheet
270Kb / 4P
   Military 270Vin Filter Input Attenuator Module
M-FIAM5 VICOR-M-FIAM5 Datasheet
188Kb / 5P
   Military 28Vin Filter Input Attenuator Module
logo
Powerbox
MI-A22-MU POWERBOX-MI-A22-MU Datasheet
449Kb / 1P
   200 WATTS MILITARY COTS INPUT ATTENUATOR MODULES
logo
Vicor Corporation
MIL-STD-810 VICOR-MIL-STD-810 Datasheet
100Kb / 1P
   Military COTS Ripple Attenuator Modules
logo
SynQor Worldwide Headqu...
MCOTS-F-28-P-QT SYNQOR-MCOTS-F-28-P-QT Datasheet
1Mb / 7P
   MILITARY COTS EMI FILTER
logo
Powerbox
MI-RAM-I2 POWERBOX-MI-RAM-I2 Datasheet
411Kb / 1P
   MILITARY COTS OUTPUT RIPPLE ATTENUATOR MODULES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com