Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2807-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2807-SM
Description  CATV Linear Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2807-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2807-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2807-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TriQuint Semiconductor: www. triquint.com (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
3
TGA2807-SM
Apr 2009 © Rev -
Table III
RF Characterization Table
Symbol
Parameter
Min
Typ
Max
Units
Note
BW
Bandwidth
40
1000
MHz
S21
Power Gain
18.5
dB
GF
Gain Flatness
±0.5
dB
2/
NF
Noise Figure
2.5
dB
3/
IP3
Two-Tone Third-Order Intercept (150MHz)
43
dBm
4/
IP3
Two-Tone Third-Order Intercept (750MHz)
40
dBm
5/
ACPR
ACPR
-69
dBc
6/
Harmonics (2nd, 3rd, 4th) (40 to 500MHz)
-69
dBc
7/
IRL
Input Return Loss
15
dB
ORL
Output Return Loss
20
dB
Idd
Drain current
318
410
mA
Psat
Saturated Output Power (750MHz)
28
dBm
Vdd = 6 V, TA = 25°C 1/
1/
Using application circuit on pg. 14
2/
Across the operating frequency band
3/
At 500MHz carrier frequency
4/
Measured at 15 dBm output power per tone, Vdd = 6 V
5/
Measured at 14 dBm output power per tone, Vdd = 6 V
6/
Using single channel 256-QAM signal at 858MHz and 61 dBmV output power, measured in the band
750kHz from channel block edge to 6MHz from channel block edge.
7/
Using quad 256-QAM channels at 54dBmV output power per channel


Similar Part No. - TGA2807-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
More results

Similar Description - TGA2807-SM

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
   CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317_1 Datasheet
365Kb / 12P
   LINEAR CATV AMPLIFIER
logo
Tyco Electronics
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
   CATV ULTRA-LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
   1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Advanced Semiconductor ...
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com