Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1P2701012-SP Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # T1P2701012-SP
Description  10 W, 12V, 500 MHz-3GHz, PowerbandTM pHEMT RF Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1P2701012-SP Datasheet(HTML) 3 Page - TriQuint Semiconductor

  T1P2701012-SP Datasheet HTML 1Page - TriQuint Semiconductor T1P2701012-SP Datasheet HTML 2Page - TriQuint Semiconductor T1P2701012-SP Datasheet HTML 3Page - TriQuint Semiconductor T1P2701012-SP Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
T1P2701012-SP
10 W, 12V, 500 MHz—3GHz, PowerbandTM pHEMT RF Power Transistor
www.triquint.com/powerband
Preliminary Data Sheet
Subject to Change
Typical Instantaneous Wideband Peformance Data, 500MHz-2.7GHz
(tested in TriQuint Wideband Fixture)


Similar Part No. - T1P2701012-SP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
T1P0A5200GXGL1 TOSHIBA-T1P0A5200GXGL1 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
T1P0A5200GXGR3L1 TOSHIBA-T1P0A5200GXGR3L1 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
T1P0A6000GXG TOSHIBA-T1P0A6000GXG Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
T1P0A6000GXGR3 TOSHIBA-T1P0A6000GXGR3 Datasheet
8Mb / 118P
   UNINTERRUPTIBLE POWER SYSTEM (UPS)
logo
TriQuint Semiconductor
T1P3002028-SP TRIQUINT-T1P3002028-SP Datasheet
361Kb / 7P
   20 W, 28V, 500 MHz-2GHz, Pulsed, PowerbandTM pHEMT RF Power Transistor
More results

Similar Description - T1P2701012-SP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1P3005028-SP TRIQUINT-T1P3005028-SP Datasheet
369Kb / 7P
   50 W, 28V, 500 MHz-2GHz, Pulsed, PowerbandTM pHEMT RF Power Transistor
T1P3003028-SP TRIQUINT-T1P3003028-SP Datasheet
366Kb / 7P
   30 W, 28V, 500 MHz-2GHz, Pulsed, PowerbandTM pHEMT RF Power Transistor
T1P3002028-SP TRIQUINT-T1P3002028-SP Datasheet
361Kb / 7P
   20 W, 28V, 500 MHz-2GHz, Pulsed, PowerbandTM pHEMT RF Power Transistor
T1L2003028-SP TRIQUINT-T1L2003028-SP Datasheet
378Kb / 4P
   30 W, 28V, 500 MHz-2 GHz, PowerbandTM LDMOS RF Power Transistor
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
   PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
logo
STMicroelectronics
RF5L05500CB4 STMICROELECTRONICS-RF5L05500CB4 Datasheet
534Kb / 12P
   500 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
   500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
October 2019 Rev 3
RF5L052K0CB4 STMICROELECTRONICS-RF5L052K0CB4 Datasheet
1Mb / 12P
   2000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
RF5L05950CF2 STMICROELECTRONICS-RF5L05950CF2 Datasheet
726Kb / 12P
   950 W, 50 V, HF to 500 MHz RF power LDMOS transistor
December 2021 Rev 2
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
   1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
October 2021 Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com