Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH420 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AH420
Description  4W High Linearity InGaP HBT Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH420 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AH420 Datasheet HTML 1Page - TriQuint Semiconductor AH420 Datasheet HTML 2Page - TriQuint Semiconductor AH420 Datasheet HTML 3Page - TriQuint Semiconductor AH420 Datasheet HTML 4Page - TriQuint Semiconductor AH420 Datasheet HTML 5Page - TriQuint Semiconductor AH420 Datasheet HTML 6Page - TriQuint Semiconductor AH420 Datasheet HTML 7Page - TriQuint Semiconductor AH420 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications and information are subject to change without notice
TriQuint Semiconductor Inc
• Phone 1-503-615-9000 • FAX: 503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 5 of 8 Aug 2009
AH420
4W High Linearity InGaP HBT Amplifier
1930-1990 MHz Reference Design (AH420-EPCB1960)
W-CDMA 3GPP Test Model 1+64 DPCH, PAR = 10.2 dB @ 0.01% Probability, 3.84 MHz BW
Typical W-CDMA Performance at 25
°C
Frequency (MHz)
1930
1960
1990 Units
Channel Power
+27
+27
+27
dBm
Power Gain
13.4
14.1
14.1
dB
Input Return Loss
13
19
11
dB
Output Return Loss
4.7
7
12
dB
ACLR
-49
-48
-47
dBc
P1dB
+35.6 +35.6 +35.6 dBm
Output IP3
At 27dBm/tone, 1MHz spacing
+49
+49
+49
dBm
Noise Figure
5.6
5.3
5.3
dB
Quiescent Current, Icq
800
mA
Vpd, Vcc
+5
V
C8
C9
C10
C11
C7
C3
C4
C5
C6
C12
C15
C14
C2
R1
C1
D1
Notes:
1.
The primary RF microstrip line is 50
Ω.
2.
Do not exceed 5.5V on Vpd and Vcc or damage will occur to D1.
3.
Components shown on the silkscreen but not on the schematic are not used.
4.
Vpd used for device power down (low=RF off)
5.
The edge of C13 is placed at 75mil from AH420 RFout pin. (8.0 o @ 1960 MHz)
6.
The edge of C15 is placed 50mil from the edge of C13. (5.3 o @ 1960 MHz)
7.
The edge of C16 is placed 345mil from the edge of C15. (37 o @ 1960 MHz)
8.
The edge of C14 is placed at 160mil from AH420 Rfin pin. (17.2 o @ 1960 MHz)
9.
The edge of C17 is placed 95mil from the edge of C14. (10.2 o @ 1960 MHz)
10. 0
Ω jumpers can be replaced with copper trace in target application.
Gain vs. Frequency
T=25°C
10
11
12
13
14
15
1.92
1.94
1.96
1.98
2.00
Frequency (GHz)
Return Loss
T=25°C
-25
-20
-15
-10
-5
0
1.92
1.94
1.96
1.98
2.00
Frequency (GHz)
S11
S22
ACLR vs. Output Average Power vs. Frequency
T=25°C
-60
-55
-50
-45
-40
-35
24
25
26
27
28
29
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
Current vs Output Average Power vs. Frequency
T=25°C
800
850
900
950
1000
1050
24
25
26
27
28
29
Output Power (dBm)
1930 MHz
1960 MHz
1990 MHz
4
5
6
7
8
1.90
1.92
1.94
1.96
1.98
2.00
Frequency (GHz)
Noise Figure vs. Frequency
T=25°C


Similar Part No. - AH420

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420-EG TRIQUINT-AH420-EG Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
AH420-EPCB1960 TRIQUINT-AH420-EPCB1960 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
AH420-EPCB2140 TRIQUINT-AH420-EPCB2140 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
AH420-EPCB900 TRIQUINT-AH420-EPCB900 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
More results

Similar Description - AH420

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH420 TRIQUINT-AH420_15 Datasheet
683Kb / 9P
   4W High Linearity InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
   High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
   High Linearity InGaP HBT Amplifier
PH230 SJM-PH230 Datasheet
403Kb / 5P
   High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
   HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH435 SJM-PH435 Datasheet
585Kb / 6P
   High Linearity InGaP HBT Amplifier
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
   2W High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com