Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

447FJ425M20 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 447FJ425M20
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FJ425M20 Datasheet(HTML) 2 Page - Glenair, Inc.

  447FJ425M20 Datasheet HTML 1Page - Glenair, Inc. 447FJ425M20 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-23
G
TABLE III: BACKSHELL DIMENSIONS
Shell Size
F
H
E Max.
F Max.
G Max.
H Max.
J Ref.
Max. Dash
No. (F, H)
08
09
0.75 (1.9)
1.5 (3.8)
0.639 (1.6)
1.38 (3.5)
0.45 (1.1)
01
10
11
0.81 (2.1) 1.55 (3.9)
0.664 (1.7)
1.41 (3.6)
0.58 (1.5)
02
12
13
0.87 (2.2) 1.61 (4.1)
0.688 (1.7)
1.43 (3.6)
0.69 (1.8)
04
14
15
0.92 (2.3) 1.68 (4.3)
0.705 (1.8)
1.46 (3.7)
0.82 (2.1)
05
16
17
0.98 (2.5) 1.74 (4.4)
0.732 (1.9)
1.48 (3.8)
0.94 (2.4)
06
18
19
1.02 (2.6) 1.76 (4.5)
0.748 (1.9)
1.49 (3.8)
1.03 (2.6)
06
20
21
1.08 (2.7) 1.82 (4.6)
0.773 (2.0)
1.51 (3.8)
1.16 (2.9)
07
22
23
1.14 (2.9) 1.90 (4.8)
0.800 (2.0)
1.55 (3.9)
1.28 (3.3)
08
24
25
1.20 (3.0) 1.97 (5.0)
0.823 (2.1)
1.58 (4.0)
1.41 (3.6)
09
TABLE IV: CABLE ENTRY
Dash No.
K Max.
L Max.
Cable Entry
Min.
Max.
1
0.843 (2.1)
0.78 (2.0)
0.125 (0.3)
0.250 (0.6)
2
0.968 (2.5)
0.97 (2.5)
0.156 (0.4)
0.375 (1.0)
3
1.046 (2.7)
1.05 (2.7)
0.250 (0.6)
0.438 (1.1)
4
1.156 (2.9)
1.15 (2.9)
0.280 (0.7)
0.500 (1.3)
5
1.218 (3.1)
1.22 (3.1)
0.375 (1.0)
0.625 (1.6)
6
1.343 (3.4)
1.34 (3.4)
0.500 (1.3)
0.750 (1.9)
7
1.468 (3.7)
1.47 (3.7)
0.625 (1.6)
0.875 (2.2)
8
1.593 (4.0)
1.59 (4.0)
0.750 (1.9)
1.000 (2.5)
9
1.718 (4.4)
1.72 (4.4)
0.875 (2.2)
1.125 (2.9)
10
1.843 (4.7)
1.84 (4.7)
1.000 (2.5)
1.250 (3.2)
447-425
EMI/RFI Non-Environmental Band-in-a-Can Backshell
With Cable Clamp Strain-Relief
Rotatable Coupling - Standard Profile
APPLICATION NOTES
Standard minimum length for Style I is 1 inch (25.4), Style II
1.
is 1.5 inches (38.1). Consult factory about shorter lengths
(Note: Applies to Symbol
S Straight only).
When cable diameter exceeds “Max Dash No” in Table I, Style
2.
II will be supplied.
For effective grounding, connector with conductive finish
3.
should be used.
Glenair Series 600 Backshell Assembly tools are
4.
recommended for assemply and installation.
For shield termination see Glenair Drawings 600-050 and
5.
600-052.
Material/Finish:
6.
Adapters, Elbows, Coupling Nuts, Ferrule, Clamp - Al
Alloy/See Table I
Hardware - Cres/Passivate
Metric dimensions (mm) are indicated in parentheses.
7.
TABLE II: FINISHES
Symbol
Finish
B
Cadmium Plate, Olive Drab
C
Anodize, Black
GB
Black Anodize, Hard Coat
M
Electroless Nickel
N
Cad Plate, Olive Drab over
Electroless Nickel
NF
Cadmium Plate, Olive Drab over
Electroless Nickel
MT
Ni-PTFE 1000 Hour GreyTM
Nickel Fluorocarbon Polymer
Z1
Stainless Steel Passivate
ZL
CRES, Electroless Nickel
ZN
Zinc-Nickel


Similar Part No. - 447FJ425M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447FJ425NF08 GLENAIR-447FJ425NF08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF10 GLENAIR-447FJ425NF10 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF12 GLENAIR-447FJ425NF12 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF14 GLENAIR-447FJ425NF14 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF16 GLENAIR-447FJ425NF16 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
More results

Similar Description - 447FJ425M20

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH425NF08 GLENAIR-447AH425NF08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AD426NF08 GLENAIR-447AD426NF08 Datasheet
55Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH426NF08 GLENAIR-447AH426NF08 Datasheet
58Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
   Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com