Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR26125EU Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # AGR26125EU
Description  125 W, 2.5 GHz-2.7 GHz, N-Channel E-Mode, Lateral MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR26125EU Datasheet(HTML) 1 Page - TriQuint Semiconductor

  AGR26125EU Datasheet HTML 1Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 2Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 3Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 4Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 5Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 6Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 7Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 8Page - TriQuint Semiconductor AGR26125EU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AGR26125E
125 W, 2.5 GHz—2.7 GHz, N-Channel E-Mode, Lateral MOSFET
Introduction
The AGR26125E is a high-voltage, gold-metalized,
enhancement mode, laterally diffused metal oxide
semiconductor (LDMOS) RF power transistor suit-
able for ultrahigh-frequency (UHF) applications
including multichannel multipoint distribution service
(MMDS) for broadcasting and communications.
Figure 1. Available Packages
Features
Typical pulsed P1dB, 6 µs pulse at 10% duty: 125 W.
Typical performance for MMDS systems.
f = 2600 MHz, IDQ = 1300 mA, Vds = 28 V,
adjacent channel BW = 3.84 MHz, 5 MHz offset;
alternate channel BW = 3.84 MHz, 10 MHz offset.
Typical P/A ratio of 9.8 dB at 0.01% (probability)
CCDF*:
— Output power: 20 W
— Power gain: 11.5 dB.
— Power Added Efficiency (PAE): 19%.
— ACLR1: –35 dBc.
— ACLR2: –37 dBc.
High-reliability, gold-metalization process.
Low hot carrier injection (HCI) induced bias drift
over 20 years.
Internally matched.
High gain, efficiency, and linearity.
Integrated ESD protection.
Device can withstand a 10:1 voltage standing wave
ratio (VSWR) at 28 Vdc, 2600 MHz, 125 W contin-
uous wave (CW) output power.
Large signal impedance parameters available.
*The test signal utilized is 4-channel W-CDMA Test Model 1. This
test signal provides an equivalent reference (occupied bandwidth
and waveform EPF) for the actual performance with an MMDS
waveform.
Table 1. Thermal Characteristics
Table 2. Absolute Maximum Ratings*
* Stresses in excess of the absolute maximum ratings can cause
permanent damage to the device. These are absolute stress rat-
ings only. Functional operation of the device is not implied at
these or any other conditions in excess of those given in the
operational sections of the data sheet. Exposure to absolute
maximum ratings for extended periods can adversely affect
device reliability.
Table 3. ESD Rating*
* Although electrostatic discharge (ESD) protection circuitry has
been designed into this device, proper precautions must be
taken to avoid exposure to ESD and electrical overstress (EOS)
during all handling, assembly, and test operations. Agere
employs a human-body model (HBM), a machine model (MM),
and a charged-device model (CDM) qualification requirement in
order to determine ESD-susceptibility limits and protection
design evaluation. ESD voltage thresholds are dependent on the
circuit parameters used in each of the models, as defined by
JEDEC's JESD22-A114B (HBM), JESD22-A115A (MM), and
JESD22-C101A (CDM) standards.
Caution: MOS devices are susceptible to damage from elec-
trostatic charge. Reasonable precautions in han-
dling and packaging MOS devices should be
observed.
AGR26125EU (unflanged) AGR26125EF (flanged)
)
5B 03 STYLE 1
Parameter
Sym
Value Unit
Thermal Resistance,
Junction to Case:
AGR26125EU
AGR26125EF
Rı JC
Rı JC
0.5
0.5
°C/W
°C/W
Parameter
Sym Value Unit
Drain-source Voltage
VDSS
65
Vdc
Gate-source Voltage
VGS –0.5, +15 Vdc
Total Dissipation at TC = 25 °C:
AGR26125EU
AGR26125EF
PD
PD
350
350
W
W
Derate Above 25 °C:
AGR26125EU
AGR26125EF
2.0
2.0
W/°C
W/°C
Operating Junction Tempera-
ture
TJ
200
°C
Storage Temperature Range TSTG –65, +150 °C
AGR26125E
Minimum (V)
Class
HBM
500
1B
MM
50
A
CDM
1500
4
PEAK Devices


Similar Part No. - AGR26125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR26125EU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR21125E TRIQUINT-AGR21125E Datasheet
368Kb / 9P
   125 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21030EF TRIQUINT-AGR21030EF Datasheet
371Kb / 9P
   30 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21090E TRIQUINT-AGR21090E Datasheet
427Kb / 9P
   90 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21180EF TRIQUINT-AGR21180EF Datasheet
384Kb / 10P
   180 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26180EF TRIQUINT-AGR26180EF Datasheet
384Kb / 9P
   180 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21060E TRIQUINT-AGR21060E Datasheet
346Kb / 5P
   60 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR21045EF TRIQUINT-AGR21045EF Datasheet
419Kb / 9P
   45 W, 2.110 GHz-2.170 GHz, N-Channel E-Mode, Lateral MOSFET
AGR26045EF TRIQUINT-AGR26045EF Datasheet
401Kb / 9P
   45 W, 2.535 GHz-2.655 GHz, N-Channel E-Mode, Lateral MOSFET
logo
List of Unclassifed Man...
UGF27025 ETC1-UGF27025 Datasheet
315Kb / 7P
   25W, 2.7 GHz, 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com