Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGR09085E Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # AGR09085E
Description  85 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AGR09085E Datasheet(HTML) 4 Page - TriQuint Semiconductor

  AGR09085E Datasheet HTML 1Page - TriQuint Semiconductor AGR09085E Datasheet HTML 2Page - TriQuint Semiconductor AGR09085E Datasheet HTML 3Page - TriQuint Semiconductor AGR09085E Datasheet HTML 4Page - TriQuint Semiconductor AGR09085E Datasheet HTML 5Page - TriQuint Semiconductor AGR09085E Datasheet HTML 6Page - TriQuint Semiconductor AGR09085E Datasheet HTML 7Page - TriQuint Semiconductor AGR09085E Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Agere Systems Inc.
85 W, 865 MHz—895 MHz, N-Channel E-Mode, Lateral MOSFET
E
5
8
0
9
0
R
G
A
Typical Performance Characteristics
Figure 3. Series Equivalent Input and Output Impedances
MHz (f)
ZS Ω
(
Complex Source Impedance)
ZL Ω
(
Complex Optimum Load Impedance)
865 (f1)
0.35 –
2
2
.
1j
+
6
6
.
1
3
7
.
0j
880 (f2)
0.35 –
8
1
.
1j
+
7
6
.
1
7
7
.
0j
895 (f3)
0.33 –
4
1
.
1j
+
9
6
.
1
2
8
.
0j
0.1
0.2
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
70
80
90
100
110
120
130
40
35
0.07
0.08
0.09
0.1
0.11
0.12
0.13
0.14
0.15
0.35
0.36
0.37
0.38
0.39
0.4
0.41
0.42
0.43
o)
, O
R
CA
PA
CI
TIV
E S
US
CE
PT
AN
CE
(+jB
/ Yo
)
RESISTANCE COMPONENT (R/Zo), OR CONDUCTANCE COMPONENT (G/Yo)
ZL
f3
f1
ZS
f3
f1
Z0 = 5 Ω
DUT
ZS
ZL
INPUT MATCH
OUTPUT MATCH
DRAIN (1)
SOURCE (3)
GATE (2)


Similar Part No. - AGR09085E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EF TRIQUINT-AGR09030EF Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09030EU TRIQUINT-AGR09030EU Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
More results

Similar Description - AGR09085E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AGR09045E TRIQUINT-AGR09045E Datasheet
334Kb / 7P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
PEAK electronics GmbH
AGR09045E PEAK-AGR09045E Datasheet
340Kb / 8P
   45 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
logo
TriQuint Semiconductor
AGR09030E TRIQUINT-AGR09030E Datasheet
337Kb / 7P
   30 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09180EF TRIQUINT-AGR09180EF Datasheet
407Kb / 9P
   180 W, 865 MHz-895 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09090EF TRIQUINT-AGR09090EF Datasheet
515Kb / 14P
   90 W, 865 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09130E TRIQUINT-AGR09130E Datasheet
466Kb / 10P
   130 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
AGR09070EF TRIQUINT-AGR09070EF Datasheet
373Kb / 8P
   70 W, 921 MHz-960 MHz, N-Channel E-Mode, Lateral MOSFET
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
   90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
PEAK electronics GmbH
PD27025F PEAK-PD27025F Datasheet
1Mb / 4P
   25 W, 2.5GHz - 2.7GHz , N-Channel E-Mode, Lateral MOSFET
PD25025F PEAK-PD25025F Datasheet
1Mb / 4P
   25 W, 2.3GHz - 2.5GHz , N-Channel E-Mode, Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com