Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

460AD002M10 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 460AD002M10
Description  EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

460AD002M10 Datasheet(HTML) 2 Page - Glenair, Inc.

  460AD002M10 Datasheet HTML 1Page - Glenair, Inc. 460AD002M10 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
Series 460 - Page 7
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2005 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
See inside back cover fold-out or pages 13 and 14 for Tables I and II.
1. Shield Support Ring (469-001-XX) is recommended for use in all G-Spring backshells (see page 463-8).
2. When maximum cable entry (page 22) is exceeded, Style 2 will be supplied. Angular Function S only.
3. Metric dimensions (mm) are indicated in parentheses.
4. Cable range is defined as the accommodations range for the wire bundle or cable. Dimensions shown
are not intended for inspection criteria.
5. Consult factory for shorter lengths on straight backshells.
6. Maximum cable entry available for split elbow is 1.188 (30.2).
7. When using Connector Designator B refer to pages 18 and 19 for part number development.
Shell
Size
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/25
28/29
32/33
36
40
A-D-E-F
J-H-L-S
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
1.000 (25.4)
B-G-K
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.250 (31.8)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.416 (36.0)
1.687 (42.9)
J Max - Conn. Designator
TABLE III: FRONT ADAPTER
C
1.735 (44.1)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
1.915 (48.6)
460-002
EMI/RFI Non-Environmental G-Spring Backshell
with Strain Relief
Direct Coupling - Low Profile and Split 90°
Dash
No.
01
02
03
04
05
06
07
08
09
10
11*
12*
13*
14*
M
Max
.843 (21.4)
.968 (24.6)
1.046 (26.6)
1.156 (29.4)
1.218 (30.9)
1.343 (34.1)
1.468 (37.3)
1.593 (40.5)
1.718 (43.6)
1.843 (46.8)
2.187 (55.5)
2.312 (58.7)
2.437 (61.9)
2.546 (64.7)
Min
.156
(4.0)
.188
(4.8)
.250
(6.4)
.280
(7.1)
.375
(9.5)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
Max
.250
(6.4)
.375
(9.5)
.438 (11.1)
.500 (12.7)
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
N
Max
.625 (15.9)
.750 (19.1)
.875 (22.2)
1.000 (25.4)
1.125 (28.6)
1.250 (31.8)
1.375 (34.9)
1.500 (38.1)
1.625 (41.3)
1.750 (44.5)
1.875 (47.6)
2.000 (50.8)
2.125 (54.0)
2.250 (57.2)
Cable Range
* Consult factory for availability
TABLE IV: CABLE ENTRY
K
Max
.630 (16.0)
.630 (16.0)
.692 (17.6)
.755 (19.2)
.848 (21.5)
1.036 (26.3)
1.036 (26.3)
1.130 (28.7)
1.130 (28.7)
1.255 (31.9)
1.317 (33.5)
1.317 (33.5)
1.348 (34.2)
1.348 (34.2)
L
Max
1.720 (43.7)
1.720 (43.7)
1.780 (45.2)
1.870 (47.5)
1.980 (50.3)
2.170 (55.1)
2.170 (55.1)
2.320 (58.9)
2.320 (58.9)
2.370 (60.2)
2.470 (62.7)
2.470 (62.7)
2.560 (65.0)
2.560 (65.0)
E
Max
.680 (17.3)
.750 (19.1)
.810 (20.6)
.870 (22.1)
.930 (23.6)
1.000 (25.4)
1.060 (26.9)
1.120 (28.4)
1.180 (30.0)
1.180 (30.0)
1.312 (33.3)
1.562 (39.7)
1.562 (39.7)
1.688 (42.9)
G
Max
.636 (16.2)
.710 (18.0)
.734 (18.6)
.825 (21.0)
.988 (25.1)
1.087 (27.6)
1.087 (27.6)
1.325 (33.7)
1.325 (33.7)
1.337 (34.0)
1.827 (46.4)
1.827 (46.4)
2.027 (51.5)
2.027 (51.5)
H
Max
1.670 (42.4)
1.790 (45.5)
1.810 (46.0)
1.880 (47.8)
1.970 (50.0)
2.140 (54.4)
2.140 (54.4)
2.250 (57.2)
2.250 (57.2)
2.420 (61.5)
2.670 (67.8)
2.670 (67.8)
2.670 (67.8)
2.670 (67.8)
F
Max
.560 (14.2)
.620 (15.7)
.690 (17.5)
.720 (18.3)
.820 (20.8)
.880 (22.4)
.940 (23.9)
1.000 (25.4)
1.060 (26.9)
1.060 (26.9)
1.219 (31.0)
1.438 (36.5)
1.438 (36.5)
1.656 (42.1)
TABLE V: DIMENSIONS
Dash
No.
01
02
03
04
05
06
07
08
09
10
11
12
13
14


Similar Part No. - 460AD002M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
460AD001M08 GLENAIR-460AD001M08 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AD001M10 GLENAIR-460AD001M10 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AD001M12 GLENAIR-460AD001M12 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AD001M14 GLENAIR-460AD001M14 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AD001M16 GLENAIR-460AD001M16 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
More results

Similar Description - 460AD002M10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
460AA001M08 GLENAIR-460AA001M08 Datasheet
69Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460GH003M11 GLENAIR-460GH003M11 Datasheet
89Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
460AH011M08 GLENAIR-460AH011M08 Datasheet
57Kb / 2P
   EMI/RFI Non-Environmental G-Spring Backshell with Strain Relief
463GH003M11 GLENAIR-463GH003M11 Datasheet
84Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA001M08 GLENAIR-463AA001M08 Datasheet
65Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
463AA002M08 GLENAIR-463AA002M08 Datasheet
63Kb / 2P
   EMI/RFI Environmental G-Spring Backshell with Strain Relief
380GH116B08 GLENAIR-380GH116B08 Datasheet
123Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA117B08 GLENAIR-380AA117B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA002B08 GLENAIR-380AA002B08 Datasheet
100Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
380AA103B08 GLENAIR-380AA103B08 Datasheet
153Kb / 2P
   EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com