Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

447FJ425M18 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 447FJ425M18
Description  EMI/RFI Non-Environmental Band-in-a-Can Backshell With Cable Clamp Strain-Relief
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

447FJ425M18 Datasheet(HTML) 1 Page - Glenair, Inc.

  447FJ425M18 Datasheet HTML 1Page - Glenair, Inc. 447FJ425M18 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
Printed in U.S.A.
www.glenair.com
CAGE CODE 06324
© 2008 Glenair, Inc.
E-Mail: sales@glenair.com
G-22
G
Basic Number
Product Series
Shell Size
447 F S 425 M 18 12 - 5
Connector Designator
F and H
Contact Style
H - 45°
J
- 90°
S - Straight
Finish
Cable Entry
Length: S only
(1/2 inch increments,
e.g. 8 = 4.00 inches)
447-425
EMI/RFI Non-Environmental Band-in-a-Can Backshell
With Cable Clamp Strain-Relief
Rotatable Coupling - Standard Profile
Length
(See Note 2)
.880 (22.4)
Max
E
J Ref
Typ
F
G
H
J Ref
Typ
Length
(see Note 2)
.500 (12.7)
Max Typ
A Thread Typ
(See Note 1)
B Type
(See Note 1)
Knurl Style
Mfr Option Typ
Cable
Entry
Typ
K Typ
L Typ
SYMBOL J
90°
SYMBOL H
45°
STYLE II
(See Note 3)
STRAIGHT
SYMBOL ‘S’
STRAIGHT
See Note 6
Connector Designators:
MIL-DTL-38999 Series I, II (F)
MIL-DTL-38999 Series III and IV (H)
F-H
ROTATABLE
COUPLING


Similar Part No. - 447FJ425M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447FJ425NF08 GLENAIR-447FJ425NF08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF10 GLENAIR-447FJ425NF10 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF12 GLENAIR-447FJ425NF12 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF14 GLENAIR-447FJ425NF14 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447FJ425NF16 GLENAIR-447FJ425NF16 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
More results

Similar Description - 447FJ425M18

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
447AH427NF08 GLENAIR-447AH427NF08 Datasheet
122Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM425NF08 GLENAIR-447AM425NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC425NF08 GLENAIR-447AC425NF08 Datasheet
77Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AM427NF08 GLENAIR-447AM427NF08 Datasheet
53Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AC427NF08 GLENAIR-447AC427NF08 Datasheet
78Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH425NF08 GLENAIR-447AH425NF08 Datasheet
85Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AD426NF08 GLENAIR-447AD426NF08 Datasheet
55Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AH426NF08 GLENAIR-447AH426NF08 Datasheet
58Kb / 2P
   EMI/RFI Non-Environmental Band-in-a-Can Backshell with Cable Clamp Strain-Relief
447AS329XM08 GLENAIR-447AS329XM08 Datasheet
315Kb / 2P
   Composite EMI/RFI Environmental Band-in-a-Can Backshell with Strain-Relief Clamp
447AS330XM08 GLENAIR-447AS330XM08 Datasheet
312Kb / 2P
   Composite Non-Environmental EMI/RFI Band-in-a-Can Backshell with Qwik-Clamp Strain-Relief
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com