Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9670 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9670
Description  Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9670 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9670 Datasheet HTML 5Page - Maxim Integrated Products MAX9670 Datasheet HTML 6Page - Maxim Integrated Products MAX9670 Datasheet HTML 7Page - Maxim Integrated Products MAX9670 Datasheet HTML 8Page - Maxim Integrated Products MAX9670 Datasheet HTML 9Page - Maxim Integrated Products MAX9670 Datasheet HTML 10Page - Maxim Integrated Products MAX9670 Datasheet HTML 11Page - Maxim Integrated Products MAX9670 Datasheet HTML 12Page - Maxim Integrated Products MAX9670 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Low-Power Audio/Video Switch with Audio
Volume Control for Dual SCART Connectors
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VVID = VAUD = 3.3V, V12 = 12V, VGNDVID = VEP = 0V, video load is 150Ω to GNDVID, audio load is 10kΩ to EP, TA = +25°C, unless
otherwise noted.)
80ns/div
2T NO FILTER
VIDEO INPUT
200mV/div
VIDEO OUTPUT
500mV/div
MAX9670 toc13
1
µs/div
12.5T WITH FILTER
VIDEO INPUT
200mV/div
VIDEO OUTPUT
500mV/div
MAX9670 toc14
1
µs/div
12.5T NO FILTER
VIDEO INPUT
200mV/div
VIDEO OUTPUT
500mV/div
MAX9670 toc15
10
µs/div
NTC7 WITH FILTER
VIDEO INPUT
500mV/div
VIDEO OUTPUT
1V/div
MAX9670 toc16
10
µs/div
NTC7 NO FILTER
VIDEO INPUT
500mV/div
VIDEO OUTPUT
1V/div
MAX9670 toc17
2ms/div
FIELD SQUARE WAVE
VIDEO INPUT
500mV/div
VIDEO OUTPUT
1V/div
MAX9670 toc18


Similar Part No. - MAX9670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX96700 MAXIM-MAX96700 Datasheet
1Mb / 73P
   14-Bit GMSL Deserializer with Coax or STP Cable Input
2017
MAX96700COAXEVKIT MAXIM-MAX96700COAXEVKIT Datasheet
110Kb / 1P
   Evaluation Kit for the MAX96700 with Coax or STP Cable
11??1??9
MAX96700COAXEVKIT# MAXIM-MAX96700COAXEVKIT# Datasheet
4Mb / 37P
   Evaluates: MAX96700 with Coax or STP Cable
2018
MAX96700EVKIT MAXIM-MAX96700EVKIT Datasheet
4Mb / 37P
   Evaluates: MAX96700 with Coax or STP Cable
2018
More results

Similar Description - MAX9670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9670 MAXIM-MAX9670_10 Datasheet
1,006Kb / 44P
   Low-Power Audio/Video Switch with Audio Volume Control for Dual SCART Connectors
Rev 1; 3/10
MAX9598 MAXIM-MAX9598_09 Datasheet
504Kb / 36P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 1; 2/09
MAX9598 MAXIM-MAX9598 Datasheet
489Kb / 35P
   Low-Power Audio/Video Switch for Dual SCART Connectors
Rev 0; 2/08
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
logo
Maxim Integrated Produc...
MAX4399 MAXIM-MAX4399_V01 Datasheet
452Kb / 33P
   Audio/Video Switch for Three SCART Connectors
19-2925; Rev 1; 7/06
MAX4399 MAXIM-MAX4399 Datasheet
544Kb / 33P
   Audio/Video Switch for Three SCART Connectors
Rev 0; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com