Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9513 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9513 Datasheet HTML 1Page - Maxim Integrated Products MAX9513 Datasheet HTML 2Page - Maxim Integrated Products MAX9513 Datasheet HTML 3Page - Maxim Integrated Products MAX9513 Datasheet HTML 4Page - Maxim Integrated Products MAX9513 Datasheet HTML 5Page - Maxim Integrated Products MAX9513 Datasheet HTML 6Page - Maxim Integrated Products MAX9513 Datasheet HTML 7Page - Maxim Integrated Products MAX9513 Datasheet HTML 8Page - Maxim Integrated Products MAX9513 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = VSHDN = 3.3V, VSMARTSLEEP = VINT/EXT = VGND = 0V, RL = no load. TA = TMIN to TMAX, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to GND.)
VDD ..........................................................................-0.3V to +4V
SMARTSLEEP, SHDN, INT/EXT,
CVBSIN, EXTCVBSIN ..........................................-0.3V to +4V
Duration of Short Circuit to
VDD or GND (CVBSOUT1, CVBSOUT2)................Continuous
Continuous Input Current
EXTCVBSIN, CVBSIN,
SMARTSLEEP, SHDN, INT/EXT ....................................±20mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 15.6mW/°C above +70°C)..........1250mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR
2.7
3.6
V
INT/EXT = GND, VCVBSIN = 0.3V
13
16
INT/EXT = VDD,
EXTCVBSIN is unconnected
4.3
6
mA
SMARTSLEEP = VDD,
CVBSIN has no active video signal
714
Supply Current
IDD
SMARTSLEEP = VDD, CVBSIN has a black-
burst video signal with sync tip at GND
(Note 2)
17
µA
Shutdown Supply Current
ISHDN
SHDN = GND
0.01
10
µA
SMARTSLEEP CHARACTERISTICS
Minimum Line Frequency
CVBSIN
14.3
kHz
Sync Slice Level
CVBSIN
4.1
5.2
% VDD
Output Load Detect Threshold
Sync pulse present, RL to GND
200
Ω
DC CHARACTERISTICS
2.7V < VDD < 3.6V
0
1.05
Input Voltage Range
VIN
CVBSIN, guaranteed
by output voltage
swing
3.0V < VDD < 3.6V
0
1.2
V
Input Current
IIN
VCVBSIN = 0V
2
5
µA
Input Resistance
RIN
CVBSIN
20
M
Ω


Similar Part No. - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513AEE MAXIM-MAX9513AEE Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9513ATE MAXIM-MAX9513ATE Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
More results

Similar Description - MAX9513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9513 MAXIM-MAX9513 Datasheet
363Kb / 23P
   CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 7/06
MAX9508 MAXIM-MAX9508_09 Datasheet
387Kb / 25P
   CVBS/S-Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 2; 1/09
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
   Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9512 MAXIM-MAX9512_09 Datasheet
338Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 2; 2/09
MAX9512 MAXIM-MAX9512 Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAX7447 MAXIM-MAX7447_V01 Datasheet
286Kb / 6P
   4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
19-2950; Rev 1; 4/06
MAX7447 MAXIM-MAX7447 Datasheet
239Kb / 6P
   4-Channel S-Video, CVBS Video Filter with Asynchronous CVBS Input
Rev 0; 8/03
MAX7446 MAXIM-MAX7446_V01 Datasheet
190Kb / 6P
   4-Channel Video Filter for RGB and CVBS Video
19-2951; Rev 2; 2/07
MAX7446 MAXIM-MAX7446 Datasheet
239Kb / 6P
   4-Channel Video Filter for RGB and CVBS Video
Rev 0; 8/03
MAX7448 MAXIM-MAX7448_V01 Datasheet
289Kb / 7P
   4-Channel RGB Video Filter with Asynchronous CVBS Input
19-2989; Rev 1; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com