Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9246EUM Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9246EUM
Description  21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9246EUM Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9246EUM Datasheet HTML 2Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 3Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 4Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 5Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 6Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 7Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 8Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 9Page - Maxim Integrated Products MAX9246EUM Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
21-Bit Deserializers with Programmable
Spread Spectrum and DC Balance
6
_______________________________________________________________________________________
Test Circuits/Timing Diagrams
VCC - 0.3V
VCC
RIN2
RIN1
RxIN_ + OR
RxCLKIN+
RxIN_ - OR
RxCLKIN-
RIN1
RIN1
RxIN_ + OR
RxCLKIN+
RxIN_ - OR
RxCLKIN-
RIN1
FAIL-SAFE
COMPARATOR
DC-BALANCED MODE
NON-DC-BALANCED MODE
1.2V
Figure 1. LVDS Input Circuits
RCOP
RxCLKOUT
ODD RxOUT
EVEN RxOUT
Figure 2. Worst-Case Test Pattern
90%
90%
10%
10%
CHLT
CLHT
RxOUT_ OR
RxCLKOUT
RxOUT_ OR
RxCLKOUT
8pF
Figure 3. Output Load and Transition Times
IDEAL
MIN
MAX
INTERNAL STROBE
IDEAL
RSKM
RSKM
IDEAL SERIAL BIT TIME
1.3V
1.1V
Figure 4. LVDS Receiver Input Skew Margin
RxOUT_
RxCLK OUT
RCOP
RCOH
RCOL
2.0V
0.8V
2.0V
0.8V
2.0V
2.0V
2.0V
0.8V
0.8V
RHRC
RSRC
Figure 5a. Rising-Edge Output Setup/Hold and High/Low Times


Similar Part No. - MAX9246EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9246EUM MAXIM-MAX9246EUM Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9246EUM MAXIM-MAX9246EUM Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
More results

Similar Description - MAX9246EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
MAX9242 MAXIM-MAX9242_07 Datasheet
293Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 2; 6/07
MAX9232 MAXIM-MAX9232 Datasheet
49Kb / 1P
   Programmable Spread-Spectrum and DC-Balance 21-Bit Deserializer
Rev 0; 9/05
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
logo
Cypress Semiconductor
CY25701 CYPRESS-CY25701_06 Datasheet
317Kb / 8P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701JXC CYPRESS-CY25701JXC Datasheet
216Kb / 7P
   Programmable High-Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No-Spread Spectrum (XO) Option
CY25701 CYPRESS-CY25701_07 Datasheet
275Kb / 8P
   Programmable High Frequency Crystal Oscillator with Spread Spectrum (SSXO) and No Spread Spectrum (XO) Option
logo
auris-GmbH
APSSO7050 AURIS-APSSO7050 Datasheet
376Kb / 2P
   Oscillator SMD, spread spectrum, programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com