Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9052BEUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9052BEUA
Description  Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9052BEUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9052BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 9Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 10Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 11Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 12Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 13Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 14Page - Maxim Integrated Products MAX9052BEUA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Micropower, Single-Supply, UCSP/SOT23
Comparator + Precision Reference ICs
______________________________________________________________________________________
11
Functional Diagrams
MAX9040
MAX9050
OUT
1
5
3
6 (A2)
7 (A3)
3 (B1)
IN+
REF
VEE 2
VCC
REF
MAX9039
MAX9041
MAX9051
OUT
IN+
( ) MAX9039 UCSP BUMPS.
IN-
REF
VEE 4 (A1)
8
7
6
5
10
8
7
6
1 (B3)
2 (B2)
VCC
REF
MAX9042
MAX9052
OUTA
1
2
3
4
1
2
3
4
5
OUTB
INA+
INB-
INB+
REF
VEE
VCC
REF
MAX9043
MAX9053
OUTA
OUTB
INA+
INA-
INB-
INB+
REF
VEE
VCC
REF
4
Selector Guide
REF
2.048
1
MAX9040
REF/Uncommitted
REF/Uncommitted
2.500
Uncommitted/Uncommitted
2
2.500
2
MAX9052
2.048
MAX9053
Uncommitted/Uncommitted
2
2.048
2
MAX9042
MAX9043
REF
2.500
Uncommitted
1
2.500
1
MAX9050
MAX9051
Uncommitted
1.230
VREF
(V)
COMPARATORS
PER PACKAGE
Uncommitted
1
2.048
1
MAX9039
MAX9041
PART
IN- CONNECTIONS


Similar Part No. - MAX9052BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9052BEUA MAXIM-MAX9052BEUA Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
More results

Similar Description - MAX9052BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9043 MAXIM-MAX9043 Datasheet
417Kb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
Rev 1; 10/04
MAX9038 MAXIM-MAX9038 Datasheet
1Mb / 15P
   Micropower, Single-Supply, UCSP/SOT23 Comparator Precision Reference ICs
19-1569; Rev 10; 1/17
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
logo
Texas Instruments
LMP7300 TI1-LMP7300_15 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300 Datasheet
904Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com