Electronic Components Datasheet Search |
|
MAX9051BEUT-T Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX9051BEUT-T Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 20 page Micropower, Single-Supply, UCSP/SOT23 Comparator + Precision Reference ICs _______________________________________________________________________________________ 5 ELECTRICAL CHARACTERISTICS—B Grade (1% Initial Accuracy) (continued) (VCC = 5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2) Note 2: All devices are 100% production tested at TA = +25°C. Limits over the extended temperature range are guaranteed by design. Note 3: Supply voltage range guaranteed by PSRR test on comparator and line regulation of REF. Note 4: VOS is defined as the center of the input-referred hysteresis band. Note 5: For the comparators with the inverting input (IN-) uncommitted. Note 6: Input bias current is the average of the inverting and noninverting input bias currents. Note 7: Not production tested. Guaranteed by design. Note 8: Guaranteed by CMRR test. Note 9: VOVERDRIVE is beyond the offset and hysteresis determined trip point. Note 10: Temperature coefficient is measured by the box method; i.e., the maximum ΔVREF is divided by the maximum ΔT. Note 11: Thermal hysteresis is defined as the change in VREF at +25°C before and after cycling the device from TMIN to TMAX. Typical Operating Characteristics (VCC = 5V, VEE = 0V, VCM = 0V, IOUT = 0A, IREF = 0A, TA = +25°C, unless otherwise noted.) 0 10 30 20 50 40 60 -40 0 -20 20 40 60 80 MAX9039/MAX9040/MAX9041/MAX9050/MAX9051 SUPPLY CURRENT vs. TEMPERATURE TEMPERATURE ( °C) VCC = 5.0V VIN+ > VIN- VCC = 2.7V 0 10 30 20 50 40 60 -40 0 -20 20 40 60 80 MAX9042/MAX9043/MAX9052/MAX9053 SUPPLY CURRENT vs. TEMPERATURE TEMPERATURE ( °C) VCC = 5.0V VIN+ > VIN- VCC = 2.7V 0.01 0.1 1 10 100 1000 200 150 100 50 0 MAX9039/MAX9040/MAX9041/MAX9050/MAX9051 SUPPLY CURRENT vs. SWITCHING FREQUENCY SWITCHING FREQUENCY (kHz) VCC = 5.0V VCC = 2.7V PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS Ripple Rejection ΔVREF/ ΔVCC VCC = 5V ±100mV, f = 120Hz 84 dB Turn-On Settling Time tR(VREF) To VREF = 1% of final value 200 µs Capacitive Load Stability Range (Note 7) CL(VREF) 0 4.7 nF |
Similar Part No. - MAX9051BEUT-T |
|
Similar Description - MAX9051BEUT-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |