Electronic Components Datasheet Search |
|
MAX9042BEUA Datasheet(PDF) 1 Page - Maxim Integrated Products |
|
MAX9042BEUA Datasheet(HTML) 1 Page - Maxim Integrated Products |
1 / 20 page General Description The MAX9039–MAX9043 and MAX9050–MAX9053 fea- ture combinations of low-power comparators and preci- sion voltage references. Their operating voltage range makes them ideal for both 3V and 5V systems. The MAX9039/MAX9040/MAX9041/MAX9050/MAX9051 have a single comparator and reference consuming only 40µA of supply current. The MAX9042/MAX9043/ MAX9052/MAX9053 have dual comparators and one reference, and consume only 55µA of supply current. Low-voltage operation and low supply current make these devices ideal for battery-operated systems. The comparators feature rail-to-rail inputs and outputs, with a common-mode input voltage range that extends 250mV beyond the supply rails. Input bias current is typically 1.0pA, and input offset voltage is typically 0.5mV. Internal hysteresis ensures clean output switch- ing, even with slow-moving input signals. The output stage features a unique design that limits supply cur- rent surges while switching, virtually eliminating supply glitches typical of many other comparators. This design also minimizes overall power consumption under dynamic conditions. The comparator outputs have rail- to-rail, push-pull output stages that sink and source up to 8mA. The propagation delay is 400ns, even with the low-operating supply current. The reference output voltage is set to 1.23V in the MAX9039, to 2.048V in the MAX9040–MAX9043, and to 2.500V in the MAX9050–MAX9053. The MAX9040– MAX9043 and the MAX9050–MAX9053 are offered in two grades: an A grade with 0.4% initial accuracy and 6ppm/°C tempco, and a B grade with 1% initial accura- cy and 100ppm/°C tempco. The voltage references feature a proprietary curvature-correction circuit and laser-trimmed thin-film resistors. These series-mode ref- erences can sink or source up to 500µA of load current. Applications Features ♦ Comparator + Precision Reference in UCSP/SOT23 ♦ 2.5V to 5.5V Single-Supply Operation (MAX9039–MAX9043) ♦ Low Supply Current (MAX9039/MAX9040/ MAX9041/MAX9050/MAX9051) 40µA Quiescent 50µA with 100kHz Switching ♦ 400ns Propagation Delay ♦ Rail-to-Rail Inputs ♦ Rail-to-Rail Output Stage Sinks and Sources 8mA ♦ Internal ±3mV Hysteresis ♦ Voltage Reference Offers ±0.4% (max) Initial Accuracy (A grade) 6ppm/°C (typ) Temperature Coefficient (A grade) Stable for 0 to 4.7nF Capacitive Loads Micropower, Single-Supply, UCSP/SOT23 Comparator + Precision Reference ICs ________________________________________________________________ Maxim Integrated Products 1 19-1569; Rev 6; 3/09 Ordering Information UCSP is a trademark of Maxim Integrated Products, Inc. *UCSP reliability is integrally linked to the user’s assembly methods, circuit board material, and environment. Refer to the UCSP Reliability section of this data sheet for more information. Typical Operating Circuit and Functional Diagrams appear at end of data sheet. Ordering Information continued at end of data sheet. Selector Guide appears at end of data sheet. TOP VIEW (BUMPS ON BOTTOM) TOP VIEW VEE REF IN+ 15 VCC OUT MAX9040 MAX9050 SOT23 2 34 IN- VCC REF VEE IN+ MAX9039 B3 OUT B1 A3 A2 A1 B2 UCSP Pin Configurations Pin Configurations continued at end of data sheet. PIN- PACKAGE 6 UCSP 5 SOT23 6 SOT23 6 SOT23 8 SO 8 SO 5 SOT23 -40°C to +85°C MAX9040AEUK-T ADNW -40°C to +85°C -40°C to +85°C -40°C to +85°C -40°C to +85°C -40°C to +85°C -40°C to +85°C TEMP RANGE PART MAX9039BEBT-T* MAX9040BEUK-T MAX9041AEUT-T MAX9041BEUT-T MAX9041AESA MAX9041BESA TOP MARK AAZ ADNX AAHF AAHH — — Precision Battery Management Window Comparators IR Receivers Level Translators Digital Line Receivers For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com. |
Similar Part No. - MAX9042BEUA |
|
Similar Description - MAX9042BEUA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |